Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8140ACPZN-R7-CSL Datasheet(PDF) 2 Page - Analog Devices

Part # ADL8140ACPZN-R7-CSL
Description  10 GHz to 18 GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8140ACPZN-R7-CSL Datasheet(HTML) 2 Page - Analog Devices

  ADL8140ACPZN-R7-CSL Datasheet HTML 1Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 2Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 3Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 4Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 5Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 6Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 7Page - Analog Devices ADL8140ACPZN-R7-CSL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet
ADL8140-CSL
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 8
Features................................................................ 1
Commercial Space Features................................. 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
10 GHz to 12 GHz Frequency Range................ 3
12 GHz to 15 GHz Frequency Range................ 3
15 GHz to 18 GHz Frequency Range................ 4
DC Specifications............................................... 4
Radiation Test and Limit Specifications..............4
Absolute Maximum Ratings...................................5
Thermal Resistance........................................... 5
Outgas Testing................................................... 5
Radiation Features.............................................5
Electrostatic Discharge (ESD) Ratings...............5
ESD Caution.......................................................5
Pin Configuration and Function Descriptions........ 6
Typical Performance Characteristics..................... 7
Outline Dimensions............................................... 8
Ordering Guide...................................................8
REVISION HISTORY
11/2024—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com