Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08080W Datasheet(PDF) 9 Page - Texas Instruments

Part # PTH08080W
Description  2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH08080W Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH08080W Datasheet HTML 5Page - Texas Instruments PTH08080W Datasheet HTML 6Page - Texas Instruments PTH08080W Datasheet HTML 7Page - Texas Instruments PTH08080W Datasheet HTML 8Page - Texas Instruments PTH08080W Datasheet HTML 9Page - Texas Instruments PTH08080W Datasheet HTML 10Page - Texas Instruments PTH08080W Datasheet HTML 11Page - Texas Instruments PTH08080W Datasheet HTML 12Page - Texas Instruments PTH08080W Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PTH08080W
www.ti.com
SLTS235D – FEBRUARY 2005 – REVISED SEPTEMBER 2013
CAPACITOR RECOMMENDATIONS FOR THE PTH08080W WIDE-OUTPUT ADJUST
POWER MODULES
Input Capacitor
The minimum recommended input capacitor is 100 µF of capacitance. When VO > 3.4 V, the 100-µF electrolytic
capacitance must be rated for 650-mArms ripple current . For VO < 3.4 V, the ripple current rating must be at
least 500 mArms. The ripple current rating of electrolytic capacitors is a major consideration when they are used
at the input.
When specifying regular tantalum capacitors for use at the input, a minimum voltage rating of 2 × (maximum dc
voltage + ac ripple) is highly recommended. This is standard practice to ensure reliability. Polymer-tantalum
capacitors are not affected by this requirement.
For improved ripple reduction on the input bus, ceramic capacitors can also be added to complement the
required electrolytic capacitance.
Output Capacitors (Optional)
No output capacitance is required for normal operation. However, applications with load transients (sudden
changes in load currrent) can benefit by adding external output capacitance. A 100-µF electrolytic or ceramic
capacitor can be used to improve transient response. Adding a 100-µF nonceramic capacitor allows the module
to meet its transient response specification. A high-quality computer-grade electrolytic capacitor should be
adequate.
Electrolytic capacitors should be located close to the load circuit. These capacitors provide decoupling over the
frequency range, 2 kHz to 150 kHz. Aluminum electrolytic capacitors are suitable for ambient temperatures
above 0°C. For operation below 0°C, tantalum or Os-Con-type capacitors are recommended. When using one or
more nonceramic capacitors, the calculated equivalent ESR should be no lower than 10 m
Ω (14 mΩ using the
manufacturer's maximum ESR for a single capacitor). A list of preferred low-ESR-type capacitors are identified in
Table 3, the recommended capacitor table.
Ceramic Capacitors
Above 150 kHz, the performance of aluminum electrolytic capacitors becomes less effective. To further improve
the reflected input ripple current, or the output transient response, multilayer ceramic capacitors must be added.
Ceramic capacitors have low ESR and their resonant frequency is higher than the bandwidth of the regulator.
When placed at the output their combined ESR is not critical as long as the total value of ceramic capacitance
does not exceed 200 µF. Also, to prevent the formation of local resonances, do not exceed the maximum
number of capacitors specified in the capacitor table.
Tantalum Capacitors
Additional tantalum-type capacitors can be used at both the input and output, and are recommended for
applications where the ambient operating temperature can be less than 0°C. The AVX TPS, Sprague
593D/594/595, and Kemet T495/T510/T520 capacitors series are suggested over many other tantalum types due
to their rated surge, power dissipation, and ripple current capability. As a caution, many general-purpose
tantalum capacitors have considerably higher ESR, reduced power dissipation, and lower ripple current
capability. These capacitors are also less reliable as they have lower power dissipation and surge current ratings.
Tantalum capacitors that do not have a stated ESR or surge current rating are not recommended for power
applications. When specifying Os-Con and polymer tantalum capacitors for the output, the minimum ESR limit is
encountered well before the maximum capacitance value is reached.
Capacitor Table
The capacitor table, Table 3, identifies the characteristics of capacitors from a number of vendors with
acceptable ESR and ripple current (rms) ratings. The recommended number of capacitors required at both the
input and output buses is identified for each capacitor type. This is not an extensive capacitor list. Capacitors
from other vendors are available with comparable specifications. Those listed are for guidance. The rms rating
and ESR (at 100 kHz) are critical parameters necessary to ensure both optimum regulator performance and long
capacitor life.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :PTH08080W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com