Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08080W Datasheet(PDF) 1 Page - Texas Instruments

Part # PTH08080W
Description  2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH08080W Datasheet(HTML) 1 Page - Texas Instruments

  PTH08080W Datasheet HTML 1Page - Texas Instruments PTH08080W Datasheet HTML 2Page - Texas Instruments PTH08080W Datasheet HTML 3Page - Texas Instruments PTH08080W Datasheet HTML 4Page - Texas Instruments PTH08080W Datasheet HTML 5Page - Texas Instruments PTH08080W Datasheet HTML 6Page - Texas Instruments PTH08080W Datasheet HTML 7Page - Texas Instruments PTH08080W Datasheet HTML 8Page - Texas Instruments PTH08080W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
VI
GND
GND
VO
R
#
SET
0.05W,1%
(Required)
C *
I
100 F
m
Electrolytic
(Required)
C *
O
100 F
m
Electrolytic
(Optional)
Inhibit
3
PTH08080W
STANDARD APPLICATION
(TopView)
1
2
5
4
*SeeTheCapacitor ApplicationInformation
#SeetheSpecificationTablefortheR
value.
SET
$DiodeisRequiredWhenV
5.25VandV
16V.
O
I
>
>
+
D1$
PTH08080W
www.ti.com
SLTS235D – FEBRUARY 2005 – REVISED SEPTEMBER 2013
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
Check for Samples: PTH08080W
1
FEATURES
DESCRIPTION
The PTH08080W is a highly integrated, low-cost
•
Up to 2.25-A Output Current at 85°C
switching regulator module that delivers up to 2.25 A
•
4.5-V to 18-V Input Voltage Range
of output current. The PTH08080W sources output
•
Wide-Output Voltage Adjust
current at a much higher efficiency than a TO-220
(0.9 V to 5.5 V)
linear regulator IC, thereby eliminating the need for a
heat sink. Its small size (0.5 × 0.6 in) and flexible
•
Efficiencies Up To 93%
operation creates value for a variety of applications.
•
On/Off Inhibit
The input voltage range of the PTH08080W is from
•
Undervoltage Lockout (UVLO)
4.5 V to 18 V, allowing operation from either a 5-V or
•
Output Overcurrent Protection
12-V input bus. Using state-of-the-art switched-mode
(Nonlatching, Auto-Reset)
power-conversion technology, the PTH08080W can
step down to voltages as low as 0.9 V from a 5-V
•
Overtemperature Protection
input bus, with less than 1 W of power dissipation.
•
Ambient Temperature Range: –40°C to 85°C
The output voltage can be adjusted to any voltage
•
Surface-Mount Package
over the range, 0.9 V to 5.5 V, using a single external
•
Safety Agency Approvals:
resistor. Operating features include an undervoltage
lockout (UVLO), on/off inhibit, overcurrent protection,
UL/CUL 60950, EN60950
and overtemperature protection. Target applications
include telecommunications, test and measurement
APPLICATIONS
applications, and high-end consumer products. This
•
Telecommunications, Instumentation,
product is available in both through-hole and surface-
and General-Purpose Circuits
mount package options, including tape and reel.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTH08080W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI1-PTH08080W Datasheet
511Kb / 19P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080WAD TI-PTH08080WAD Datasheet
700Kb / 16P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080WAD TI1-PTH08080WAD Datasheet
511Kb / 19P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080WAH TI-PTH08080WAH Datasheet
700Kb / 16P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results

Similar Description - PTH08080W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000W TI-PTH08000W Datasheet
1Mb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W Datasheet
1Mb / 24P
3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000WAZT TI-PTH08000WAZT Datasheet
622Kb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTH08080W TI1-PTH08080W_14 Datasheet
511Kb / 19P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com