Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C40KGDCT Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP320C40KGDCT
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP320C40KGDCT Datasheet(HTML) 4 Page - Texas Instruments

  TMP320C40KGDCT Datasheet HTML 1Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 2Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 3Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 4Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 5Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 6Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 7Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 8Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TMP320C40KGDC, SMJ320C40KGDC, TMP320C40KGDCT, SMJ320C40KGDCT
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
KNOWN GOOD DIES
SGUS024C − MARCH 1997 − REVISED OCTOBER 2001
4
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
SMJ
320
C
40
M
KGD
50
PREFIX
SMJ =
MIL-PRF-38535 Processing
TMP =
Commercial Level
DEVICE FAMILY
320 = DSP Family
TECHNOLOGY
C = CMOS
DEVICE
40 = Floating-Point DSP
SPEED RANGE
40 = 40 MHz
50 = 50 MHz
PACKAGE TYPE
KGD = Known Good Die
TEMPERATURE RANGE
M (Military)
=
−55
°C to 125°C
L (Commercial) =
0
°Cto 70°C
C
DIE REVISION
C
= Revision 5.2
T
KGD OPTION
T
= TWB process
blank = R-Tab process
Figure 1. TMP / SMJ320C40KGD Device Nomenclature
JEDEC STANDARD
D Die thickness is approximately 15 mils ± 1 mil.
D Backside surface finish is silicon.
D Maximum allowable die junction operating temperature is 175°C.
D Glassivation material is compressive nitride.
D Bond pad metal is composed of copper-doped aluminum.
D Percent defective allowed for burned-in die is 5.
D Life test data is available.
D Configuration control notification.
D Group A attribute summary is available (SMJ only).
D Suggested die-attach material is silver glass (QMI 2569F).
D Suggested bond wire size is 1.25 mil.
D For gold bumped KGD die, suggested bonding method is gold-ball bonding.
D ESD rating is Class II.
D Maximum allowable peak process temperature for die-attach is 440°C ± 5°C (for QMS2569F)
D Saw kerf is dependent on blade size used.
D Die backside potential is left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com