Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C40KGDCT Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP320C40KGDCT
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP320C40KGDCT Datasheet(HTML) 1 Page - Texas Instruments

  TMP320C40KGDCT Datasheet HTML 1Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 2Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 3Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 4Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 5Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 6Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 7Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 8Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
x
TMP320C40KGDC, SMJ320C40KGDC, TMP320C40KGDCT, SMJ320C40KGDCT
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
KNOWN GOOD DIES
SGUS024C − MARCH 1997 − REVISED OCTOBER 2001
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D SMJ: QML Processing to MIL−PRF−38535
D TMP: Commercial Level Processing
D Operating Temperature Ranges:
− Military (M) − 55
°C to 125°C
− Commercial (C) − 25
°C to 85°C
− Commercial (L) 0
°C to 70°C
D Highest Performance Floating-Point Digital
Signal Processor (DSP)
− ’C40-50:
40-ns Instruction Cycle Time:
50 MFLOPS, 25 MIPS, 275 MOPS,
320 MBps
− ’C40-40:
50-ns Instruction Cycle Time:
40 MFLOPS, 20 MIPS, 220 MOPS,
256 MBps
D Six Communications Ports
D 6-Channel Direct Memory Access (DMA)
Coprocessor
D Single-Cycle Conversion to and From
IEEE-745 Floating-Point Format
D Single Cycle 1/x, 1/
D Source-Code Compatible With SMJ320C30
D Validated Ada Compiler
D Single-Cycle 40-Bit Floating-Point,
32-Bit Integer Multipliers
D 12 40-Bit Registers, 8 Auxiliary Registers,
14 Control Registers, and 2 Timers
D IEEE Standard 1149.1† Test-Access Port
(JTAG)
D Two Identical External Data and Address
Buses Supporting Shared Memory Systems
and High Data-Rate, Single-Cycle
Transfers:
− High Port-Data Rate of 100 MBytes/s
(Each Bus)
− 16G-Byte Continuous
Program/Data/Peripheral Address Space
− Memory-Access Request for Fast,
Intelligent Bus Arbitration
− Separate Address-, Data-, and
Control-Enable Pins
− Four Sets of Memory-Control Signals
Support Different Speed Memories in
Hardware
D Fabricated Using Enhanced Performance
Implanted CMOS (EPIC
) Technology by
Texas Instruments (TI
)
D Separate Internal Program, Data, and DMA
Coprocessor Buses for Support of Massive
Concurrent Input/Output (I/O) of Program
and Data Throughput, Maximizing
Sustained Central Processing Unit (CPU)
Performance
D On-Chip Program Cache and
Dual-Access/Single-Cycle RAM for
Increased Memory-Access Performance
− 512-Byte Instruction Cache
− 8K Bytes of Single-Cycle Dual-Access
Program or Data RAM
− ROM-Based Bootloader Supports
Program Bootup Using 8-, 16-, or 32-Bit
Memories Over Any One of the
Communications Ports
description
The TMP / SMJ320C40KGD DSP is a 32-bit, floating-point processor manufactured in 0.72-
µm, double-level
metal CMOS technology. It is the fourth generation of DSPs from Texas Instruments, and it is the world’s first
DSP designed for parallel processing. The on-chip parallel processing capabilities of the ’C40 make the
floating-point performance required by many applications achievable and cost-effective.
The TMP / SMJ320C40 is the first DSP with on-chip communication ports for processor-to-processor
communication using simple communication software with no external hardware. This allows connectivity with
no external glue logic. The communication ports remove I/O bottlenecks, and the independent smart-DMA
coprocessor is able to handle the CPU I/O requirements.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
† IEEE Standard 1149.1−1990 Standard Test-Access Port and Boundary-Scan Architecture
EPIC and TI are trademarks of Texas Instruments Incorporated.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TMP320C40KGDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320C40KGDCT TI-TMP320C40KGDCT Datasheet
180Kb / 14P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
More results

Similar Description - TMP320C40KGDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30KGDB TI-SMJ320C30KGDB Datasheet
116Kb / 9P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C40KGDC TI-TMP320C40KGDC Datasheet
180Kb / 14P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
TMP320C50KGD TI-TMP320C50KGD Datasheet
81Kb / 6P
DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMP320C31KGDB TI1-TMP320C31KGDB Datasheet
131Kb / 9P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
SMJ320C30KGDM40C TI1-SMJ320C30KGDM40C Datasheet
133Kb / 10P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C40KGDD TI1-SMJ320C40KGDD Datasheet
200Kb / 14P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
SMJ320C50KGDC TI1-SMJ320C50KGDC Datasheet
119Kb / 7P
DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI1-TMP320C50KGD_14 Datasheet
153Kb / 8P
DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com