Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBT1A331MPD8 Datasheet(PDF) 1 Page - Nichicon corporation

Part # UBT1A331MPD8
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBT1A331MPD8 Datasheet(HTML) 1 Page - Nichicon corporation

  UBT1A331MPD8 Datasheet HTML 1Page - Nichicon corporation UBT1A331MPD8 Datasheet HTML 2Page - Nichicon corporation UBT1A331MPD8 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
Highly dependable reliability withstanding load life of 2000 to 10000 hours at +125°C.
Suited for automobile electronics where heavy duty services are indispensable.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
AEC-Q200 Qualified. Please contact us for details.
UBT HighTemperatureRange,For+125°CUse
UBT
UBW
High
Temperature
UBY
Higher
Capacitance
Dimension table in next page.
Radial Lead Type
Type numbering system (Example : 10V 220µF)
Frequency coefficient of rated ripple current
4.7 to 330
.47 to 150
50Hz
0.75
0.80
V
160
to 450
120Hz
1.00
1.00
300Hz
1.25
1.15
1kHz
1.50
1.30
10kHz
1.75
1.40
100kHz or more
1.80
1.50
Frequency
Cap. (µF)
Frequency
CV
1000 > CV
1000
CV
120Hz
0.50
0.67
V
10
to 100
300Hz
0.64
0.79
1kHz
0.83
0.91
10kHz or more
1.00
1.00
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
※
Performance Characteristics
Item
–40 to +125°C (10 to 250V), –25 to +125°C (350 to 450V)
10 to 450V
4.7 to 4700µF
± 20% at 120Hz, 20°C
Shelf Life
Marking
Printed with white color letter on blue sleeve.
After storing the capacitors under no load at 125˚C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
10
3
4
16
2
4
25
2
4
35
2
4
50
2
4
63
2
4
80
2
4
100
2
4
160 to 250
3
6
350 to 450
6
–
120Hz
Z(–25°C) / Z(+20°C)
Z(–40°C) / Z(+20°C)
Rated voltage (V)
120Hz, 20°C
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Rated voltage (V)
tan δ (max.)
10
0.20
16
0.16
25
0.14
35
0.12
50
0.10
63
0.10
80
0.08
100
0.08
160 to 250
0.20
350 to 450
0.24
Impedance ratio
(max.)
Rated Voltage (V)
Leakage current
After 1 minute's application of rated voltage at 20°C, leakage
current is not more than 0.03CV (µA).
160 to 450
10 to 100
The specifications listed below shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated ripple
current is applied at 125°C for the condition listed at right.The
peak voltage shall not exceed the rated voltage.
Rated Voltage
φD(mm)
φ 8
φ10
>=φ12.5
<=50V
2000hrs.
5000hrs.
10000hrs.
63 ~100V
2000hrs.
3000hrs.
5000hrs.
>=160V
2000hrs.
After 1 minute's application of rated voltage at 20°C,
I
= 0.04CV+100 (µA) or less.
Leakage current
Capacitance change
tan δ
Within ±30% of the initial capacitance value (10 to 100V)
Within ±20% of the initial capacitance value (160 to 450V)
300% or less than the initial specified value (10 to 100V)
200% or less than the initial specified value (160 to 450V)
Less than or equal to the initial specified value
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
Pressure
relief vent
L±2.0
15min.
4min.
Sleeve (PET)
φd
φD
P
8
3.5
10
5.0
12.5
5.0
16
7.5
φd
0.6
0.6
0.6
0.8
18
7.5
0.8
U
1
B
2
T
3
1
4
A
5
2
6
2
7
1
8
M
9
P
10
D
11
8
12
φ D
8 ,10
Pb-free leadwire
Pb-free
PET sleeve
PD
12.5 to 18
HD
Configuration
(mm)
0.8
0.8
1.0
1.0
1.0
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)


Similar Part No. - UBT1A331MPD8

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UBT1A331MPD NICHICON-UBT1A331MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UBT1A331MPD8

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com