Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBT1A331MPD8 Datasheet(PDF) 2 Page - Nichicon corporation

Part # UBT1A331MPD8
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBT1A331MPD8 Datasheet(HTML) 2 Page - Nichicon corporation

  UBT1A331MPD8 Datasheet HTML 1Page - Nichicon corporation UBT1A331MPD8 Datasheet HTML 2Page - Nichicon corporation UBT1A331MPD8 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UBT
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
(20℃/100kHz)
Rated Ripple
(mArms)
(125℃/100kHz)
Part Number
(
at 20℃ after
1 minute
)
10
(1A)
220
8×11.5
0.20
66
0.26
340
UBT1A221MPD8
330
10×12.5
0.20
99
0.15
620
UBT1A331MPD8
470
10×12.5
0.20
141
0.10
680
UBT1A471MPD8
1000
10×20
0.20
300
0.057
1100
UBT1A102MPD8
2200
12.5×25
0.22
660
0.033
1750
UBT1A222MHD8
3300
16×25
0.24
990
0.024
2300
UBT1A332MHD8
4700
16×30.5
0.26
1410
0.020
2710
UBT1A472MHD8
16
(1C)
100
8×11.5
0.16
48
0.32
340
UBT1C101MPD8
220
10×12.5
0.16
105.6
0.15
620
UBT1C221MPD8
330
10×12.5
0.16
158.4
0.10
680
UBT1C331MPD8
470
10×16
0.16
225.6
0.075
945
UBT1C471MPD8
1000
12.5×20
0.16
480
0.042
1490
UBT1C102MHD8
2200
16×25
0.18
1056
0.024
2300
UBT1C222MHD8
3300
16×30.5
0.20
1584
0.020
2710
UBT1C332MHD8
4700
18×30.5
0.22
2256
0.018
3270
UBT1C472MHD8
25
(1E)
100
8×11.5
0.14
75
0.13
500
UBT1E101MPD8
220
10×12.5
0.14
165
0.10
680
UBT1E221MPD8
330
10×16
0.14
247.5
0.075
945
UBT1E331MPD8
470
10×20
0.14
352.5
0.057
1100
UBT1E471MPD8
1000
12.5×25
0.14
750
0.033
1750
UBT1E102MHD8
2200
16×30.5
0.16
1650
0.020
2710
UBT1E222MHD8
3300
18×30.5
0.18
2475
0.017
3310
UBT1E332MHD8
35
(1V)
100
10×12.5
0.12
105
0.15
620
UBT1V101MPD8
220
10×16
0.12
231
0.094
790
UBT1V221MPD8
330
10×20
0.12
346.5
0.075
950
UBT1V331MPD8
470
12.5×20
0.12
493.5
0.058
1330
UBT1V471MHD8
1000
16×25
0.12
1050
0.031
2010
UBT1V102MHD8
2200
18×35.5
0.14
2310
0.025
2790
UBT1V222MHD8
50
(1H)
4.7
8×11.5
0.10
7.05
1.15
85
UBT1H4R7MPD8
10
8×11.5
0.10
15
0.75
180
UBT1H100MPD8
22
8×11.5
0.10
33
0.50
250
UBT1H220MPD8
33
8×11.5
0.10
49.5
0.45
300
UBT1H330MPD8
47
8×11.5
0.10
70.5
0.35
440
UBT1H470MPD8
100
10×12.5
0.10
150
0.18
555
UBT1H101MPD8
220
10×20
0.10
330
0.098
930
UBT1H221MPD8
330
12.5×20
0.10
495
0.070
1330
UBT1H331MHD8
470
12.5×25
0.10
705
0.055
1650
UBT1H471MHD8
1000
16×30.5
0.10
1500
0.031
2430
UBT1H102MHD8
63
(1J)
22
8×11.5
0.10
41.58
2.00
130
UBT1J220MPD8
33
8×11.5
0.10
62.37
1.50
150
UBT1J330MPD8
47
10×12.5
0.10
88.83
0.59
530
UBT1J470MPD8
100
10×16
0.10
189
0.41
690
UBT1J101MPD8
220
12.5×20
0.10
415.8
0.16
1050
UBT1J221MHD8
330
12.5×25
0.10
623.7
0.12
1290
UBT1J331MHD8
470
12.5×30.5
0.10
888.3
0.097
1460
UBT1J471MHD8
Dimensions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com