Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFP2WSCRC Datasheet(PDF) 2 Page - YAGEO Corporation

Part # MFP2WSCRC
Description  Through Hole Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MFP2WSCRC Datasheet(HTML) 2 Page - YAGEO Corporation

  MFP2WSCRC Datasheet HTML 1Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 2Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 3Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 4Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 5Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 6Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 7Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 8Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.yageo.com
Jul. 14, 2022 V.0
Metal Film Resistors
2
13
Product Specification
MFP
Through Hole Resistors
APPLICATIONS
 High precision circuit
 Power applications
 Medical equipment
 Measurement instruments
 Industrial electronic
FEATURES
 AEC-Q200 qualified
 Wide resistance range
 Narrow tolerance & low TCR
 High stability
 RoHS compliant &
halogen-free
ORDERING INFORMATION
Part number of the precision metal film resistors are identified by the
series, power rating, tolerance, packing, temperature coefficient, forming
and resistance value.
PART NUMBER
MFP
200
B
T
D
73-
100R
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) SERIES
MFP Series
(2) POWER RATING
-12 = 1/6W
25S = 1/4W
204=0.4W
-25 = 1/4W
50S = 1/2W
207=0.6W
-50 = 1/2W
1WS = 1W
100 = 1W
2WS = 2W
200 = 2W
3WS = 3W
(3) TOLERANCE
B = ±0.1%
C = ±0.25%
A = ±0.05%
P= ±0.02%
(4) PACKAGING
R = Reel Pack
T = Box Pack
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
A = ±5ppm/°C
B = ±10ppm/°C
C = ±15ppm/°C
D = ±25ppm/°C
(6) FORMING
26- = 26mm
52- = 52.4mm
73- = 73mm
M = M-Type Forming
MT = MT Type Forming
FT = FT Type Forming
PN = PANAsert
AV = AVIsert
(7) RESISTANCE VALUE
E192 Series
Example:
100R = 100
Ω, 10K = 10,000Ω, 1M = 1,000,000Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com