Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFP2WSCRC Datasheet(PDF) 4 Page - YAGEO Corporation

Part # MFP2WSCRC
Description  Through Hole Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MFP2WSCRC Datasheet(HTML) 4 Page - YAGEO Corporation

  MFP2WSCRC Datasheet HTML 1Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 2Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 3Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 4Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 5Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 6Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 7Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 8Page - YAGEO Corporation MFP2WSCRC Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.yageo.com
Jul. 14, 2022 V.0
Metal Film Resistors
4
13
Product Specification
MFP
Through Hole Resistors
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
MFP-12
MFP204
MFP-25
MFP207
MFP-50
MFP100
MFP200
Power Rating at 70 °C
1/6W
0.4W
1/4W
0.6W
1/2W
1W
1W
Maximum Working Voltage
150V
200V
250V
250V
350V
500V
500V
Maximum Overload Voltage
300V
400V
500V
600V
700V
1000V
1000V
Voltage Proof on Insulation
300V
300V
500V
500V
500V
1000V
1000V
Resistance Range
10
Ω ~ 1MΩ for E192 series value
Operating Temp. Range
- 55°C to +155°C
Temperature Coefficient
±15ppm/°C , ±25ppm/°C, (±5ppm/°C, ±10ppm/°C on request)
CHARACTERISTICS
MFP25S
MFP50S
MFP1WS
MFP2WS
MFP3WS
Power Rating at 70 °C
1/4W
1/2W
1W
2W
3W
Maximum Working Voltage
200V
250V
400V
500V
500V
Maximum Overload Voltage
400V
600V
800V
1000V
1000V
Voltage Proof on Insulation
300V
500V
700V
1000V
1000V
Resistance Range
10
Ω ~ 1MΩ for E192 series value
Operating Temp. Range
- 55°C to +155°C
Temperature Coefficient
±15ppm/°C , ±25ppm/°C, (±5ppm/°C, ±10ppm/°C on request)
Note: For resistance value out of above range is by request.
TEST AND REQUIRMENTS
TEST
TEST METHOD
PROCEDURE
APPRAISE
Short Time Overload
IEC 60115-1 4.13
2.5 times RCWV for 5 sec.(Not more than
maximum overload voltage)
± 0.25 % + 0.05
Ω
Voltage Proof on
Insulation
IEC 60115-1 4.7
In V-Block for 60 sec. test voltage as
above table
No Breakdown
Temperature Coefficient
IEC 60115-1 4.8
Between -55°C to +155°C
By Type
Insulation Resistance
IEC 60115-1 4.6
In V-Block for 60 sec.
>10,000M
Ω
Solderability
IEC 60115-1 4.17
245±5°C for 3±0.5 Sec.
95% Min. coverage
Solvent Resistance of
Marking
IEC 60115-1 4.30
IPA for 5±0.5 Min. with ultrasonic
No deterioration of
coatings and markings
Robustness of
Terminations
IEC 60115-1 4.16
Direct load for 10 Sec. in the direction of
the terminal leads
≥2.5Kg(24.5N)
Periodic-pulse Overload
IEC 60115-1 4.39
4 times RCWV(or Umax., whichever less)
10,000 cycles (1 Sec. on, 25 Sec.off)
±1.0%+0.05
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com