Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36550402DR10T Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 36550402DR10T
Description  AUTOMOTIVE GRADE MULTILAYER CHIP INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

36550402DR10T Datasheet(HTML) 2 Page - TE Connectivity Ltd

  36550402DR10T Datasheet HTML 1Page - TE Connectivity Ltd 36550402DR10T Datasheet HTML 2Page - TE Connectivity Ltd 36550402DR10T Datasheet HTML 3Page - TE Connectivity Ltd 36550402DR10T Datasheet HTML 4Page - TE Connectivity Ltd 36550402DR10T Datasheet HTML 5Page - TE Connectivity Ltd 36550402DR10T Datasheet HTML 6Page - TE Connectivity Ltd 36550402DR10T Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
INDUSTRIAL / Automotive Grade Multilayer Chip Inductor Type 3655 Series
Automotive Grade Multilayer Chip Inductor
Type 3655 Series
Inductance
(Nh)
Tolerance
Q
minimum
Test frequency
(MHz)
Test voltage
(Mv)
SRF
minimum
(MHz)
RDC (Ω)
maximum
IDC (Ma)
maximum
3.0
±0.1nH,±0.2 nH,±0.3nH
8
100
50
6000
0.12
800
3.3
±0.1nH,±0.2 nH,±0.3nH
8
100
50
6000
0.13
800
3.6
±0.1nH,±0.2 nH,±0.3nH
8
100
50
4000
0.15
700
3.9
±0.1nH,±0.2 nH,±0.3nH
8
100
50
4000
0.16
700
4.3
±0.1nH,±0.2 nH,±0.3nH
8
100
50
4000
0.16
700
4.7
±0.1nH,±0.2 nH,±0.3nH
8
100
50
4000
0.16
700
5.1
±0.1nH,±0.2 nH,±0.3nH
8
100
50
4000
0.16
600
5.6
±0.1nH,±0.2 nH,±0.3nH
8
100
50
4000
0.20
600
6.2
±0.1nH,±0.2 nH,±0.3nH
8
100
50
3900
0.20
600
6.8
±3%,±5%
8
100
50
3900
0.20
600
7.5
±3%,±5%
8
100
50
3700
0.24
500
8.2
±3%,±5%
8
100
50
3600
0.24
500
9.1
±3%,±5%
8
100
50
3400
0.26
500
10
±3%,±5%
8
100
50
3200
0.26
500
12
±3%,±5%
8
100
50
2700
0.50
400
15
±3%,±5%
8
100
50
2300
0.50
400
18
±3%,±5%
8
100
50
2100
0.60
350
20
±3%,±5%
8
100
50
2000
0.60
350
22
±3%,±5%
8
100
50
1900
0.60
350
27
±3%,±5%
8
100
50
1600
0.70
300
33
±3%,±5%
8
100
50
1300
0.80
300
39
±3%,±5%
8
100
50
1200
1.00
250
43
±3%,±5%
8
100
50
1100
1.10
250
47
±3%,±5%
8
100
50
1000
1.10
250
56
±3%,±5%
8
100
50
750
1.20
200
68
±3%,±5%
8
100
50
750
1.40
200
82
±3%,±5%
8
100
50
750
1.60
200
100
±3%,±5%
8
100
50
700
2.00
200
120
±3%,±5%
8
100
50
600
2.50
150
150
±3%,±5%
8
100
50
550
3.00
150
180
±3%,±5%
8
100
50
500
3.50
150
220
±3%,±5%
8
100
50
450
3.70
100
270
±3%,±5%
8
100
50
400
4.50
100
330
±3%,±5%
6
50
50
350
5.00
80
360
±3%,±5%
6
50
50
300
6.00
80
ELECTRICAL CHARACTERISTICS
36550402/HQ Material
Note:
•
Operating temperature range: -55°C~+125°C (including self heating temperature)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com