Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36550402DR10T Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 36550402DR10T
Description  AUTOMOTIVE GRADE MULTILAYER CHIP INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

36550402DR10T Datasheet(HTML) 1 Page - TE Connectivity Ltd

  36550402DR10T Datasheet HTML 1Page - TE Connectivity Ltd 36550402DR10T Datasheet HTML 2Page - TE Connectivity Ltd 36550402DR10T Datasheet HTML 3Page - TE Connectivity Ltd 36550402DR10T Datasheet HTML 4Page - TE Connectivity Ltd 36550402DR10T Datasheet HTML 5Page - TE Connectivity Ltd 36550402DR10T Datasheet HTML 6Page - TE Connectivity Ltd 36550402DR10T Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AUTOMOTIVE GRADE MULTILAYER
CHIP INDUCTOR
TYPE 3655 SERIES
INTRODUCTION
TE Connectivity (TE) introduces its automotive grade multilayer chip
inductors. The 3655 series inductors are designed with a low loss
ceramic monolithic structure with high conductivity metal electrodes.
The inductors are also designed for high frequency performance and
are AEC-Q200 compliant and available in two package sizes.
FEATURES
•
High frequency performance
•
High self-resonant frequency
•
High reliability
•
AEC-Q200 qualified
•
Moisture sensitivity level – MSL2
APPLICATIONS
•
Automotive multi-media system
•
Wireless connection system
•
Automobile power system
•
Safety management system
Inductance
(Nh)
Tolerance
Q
minimum
Test frequency
(MHz)
Test voltage
(Mv)
SRF
minimum
(MHz)
RDC (Ω)
maximum
IDC (Ma)
maximum
1.0
±0.1nH,±0.2nH,±0.3nH
8
100
50
10000
0.06
1000
1.1
±0.1nH,±0.2 nH,±0.3nH
8
100
50
10000
0.07
1000
1.2
±0.1nH,±0.2 nH,±0.3nH
8
100
50
10000
0.07
1000
1.3
±0.1nH,±0.2 nH,±0.3nH
8
100
50
10000
0.07
1000
1.5
±0.1nH,±0.2 nH,±0.3nH
8
100
50
6000
0.08
1000
1.6
±0.1nH,±0.2 nH,±0.3nH
8
100
50
6000
0.08
1000
1.8
±0.1nH,±0.2 nH,±0.3nH
8
100
50
6000
0.08
900
2.0
±0.1nH,±0.2 nH,±0.3nH
8
100
50
6000
0.09
900
2.2
±0.1nH,±0.2 nH,±0.3nH
8
100
50
6000
0.09
900
2.4
±0.1nH,±0.2 nH,±0.3nH
8
100
50
6000
0.10
800
2.7
±0.1nH,±0.2 nH,±0.3nH
8
100
50
6000
0.12
800
ELECTRICAL CHARACTERISTICS
36550402/HQ Material


Similar Part No. - 36550402DR10T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
36550 ETC2-36550 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
More results

Similar Description - 36550402DR10T

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
MULTILAYER CHIP INDUCTOR
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
MULTILAYER CHIP INDUCTOR
logo
Eaton All Rights Reserv...
ACE1V2012 EATON-ACE1V2012 Datasheet
1Mb / 6P
Automotive grade common-mode chip inductor
October 2020
ACE1V3225 EATON-ACE1V3225 Datasheet
2Mb / 5P
Automotive grade common-mode chip inductor
June 2021
ACE1V4532 EATON-ACE1V4532 Datasheet
1Mb / 5P
Automotive grade common-mode chip inductor
November 2019
ACE2V3225 EATON-ACE2V3225 Datasheet
910Kb / 5P
Automotive grade common-mode chip inductor
October 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com