Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C96 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM53C96
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM53C96 Datasheet HTML 13Page - Advanced Micro Devices AM53C96 Datasheet HTML 14Page - Advanced Micro Devices AM53C96 Datasheet HTML 15Page - Advanced Micro Devices AM53C96 Datasheet HTML 16Page - Advanced Micro Devices AM53C96 Datasheet HTML 17Page - Advanced Micro Devices AM53C96 Datasheet HTML 18Page - Advanced Micro Devices AM53C96 Datasheet HTML 19Page - Advanced Micro Devices AM53C96 Datasheet HTML 20Page - Advanced Micro Devices AM53C96 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
P R E L I M I N A R Y
AMD
17
Am53C94/Am53C96
Current Transfer Count Register
(00H–01H) Read Only
Current Transfer Count Register
CTCREG
Address: 00H–01H
Type: Read
15
14
13
12
11
10
9
8
CRVL15 CRVL14
CRVL13
CRVL12 CRVL11 CRVL10
CRVL9
CRVL8
xxx
xxxxx
76543
210
CRVL7
CRVL6
CRVL5
CRVL4
CRVL3
CRVL2
CRVL1
CRVL0
xxx
xxxxx
16506C-16
CTCREG – Bits 15:0 – CRVL 15:0 – Current
Value 15:0
This is a two-byte register. It counts down to keep track
of the number of DMA transfers. Reading this registers
will return the current value of the counter. The counter
will decrement by one for every byte transferred and two
for every word transferred over the SCSI bus. The trans-
action is complete when the count reaches zero. These
registers are automatically loaded with the values in the
Start Transfer Count Register every time a DMA com-
mand is issued.
In the target mode, this counter is decremented by the
active edge of
DACK during the Data-In phase and by
REQC during the Data-Out phase.
In the initiator mode, the counter is decremented by the
active edge of
DACK during the Synchronous Data-In
phase or by
ACKC during the Asynchronous Data-In
phase and by
DACK during the Data-Out phase.
Start Transfer Count Register (00H–01H)
Write Only
Start Transfer Count Register
STCREG
Address: 00H–01H
Type: Write
15
14
13
12
11
10
9
8
STVL15
STVL14
STVL13
STVL12
STVL11
STVL10
STVL9
STVL8
xxxxx
xxx
765
43210
STVL7
STVL6
STVL5
STVL4
STVL3
STVL2
STVL1
STVL0
xxx
xxxxx
16506C-017
STCREG – Bits 15:0 – STVL 15:0 – Start Value 15:0
This is a two-byte register. It contains the number of
bytes to be transferred during a DMA operation. The
value of this register is set to the number of bytes to be
transferred prior to a DMA transfer command. This reg-
ister retains its programmed value until it is overwritten
and is not affected by hardware or software reset.
Therefore, it is not necessary to reprogram the count for
subsequent DMA transfers of the same size. Writing a
zero to this register sets a maximum transfer count of
65536 bytes. The value in this register is undefined at
power-up.
FIFO Register (02H) Read/Write
FIFO Register
FFREG
Address: 02H
Type: Read/Write
76543
210
FF7
FF6
FF5
FF4
FF3
FF2
FF1
FF0
00000
000
16506C-18
FFREG – Bits 7:0 – FF 7:0 – FIFO 7:0
The bottom of the 16x9 FIFO is mapped into the FIFO
Register address. By reading and writing this register
the bottom of the FIFO can be read or written. This is the
only register that can also be accessed by
DACK along
with
DMARD or DMAWR. This register is reset to zero
by hardware or software reset and also at the start of a
selection or reselection sequence.
Command Register (03H) Read/Write
Command Register
CMDREG
Address: 03H
Type: Read/Write
76543
210
DMA
CMD6
CMD5
CMD4
CMD3
CMD2
CMD1
CMD0
xxxxx
xxx
Command 6:0
Direct Memory
Access
16506C-019
Commands to the device are issued by writing to this
register. This register is two deep which allows for com-
mand queuing. The second command can be issued be-
fore the first one is completed. The Reset command and
the Stop DMA command are not queued and are exe-
cuted immediately. Reading this register will return the
command currently being executed (or the last com-
mand executed if there are no pending commands).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com