Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C96 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM53C96
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM53C96 Datasheet HTML 8Page - Advanced Micro Devices AM53C96 Datasheet HTML 9Page - Advanced Micro Devices AM53C96 Datasheet HTML 10Page - Advanced Micro Devices AM53C96 Datasheet HTML 11Page - Advanced Micro Devices AM53C96 Datasheet HTML 12Page - Advanced Micro Devices AM53C96 Datasheet HTML 13Page - Advanced Micro Devices AM53C96 Datasheet HTML 14Page - Advanced Micro Devices AM53C96 Datasheet HTML 15Page - Advanced Micro Devices AM53C96 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
P R E L I M I N A R Y
AMD
12
Am53C94/Am53C96
SDC 6
SD 6
Differential Transceiver Connections for the Differential
SCSI Bus Configuration Using 75176A Transceiver
– SD 6
+ SD 6
SD 6
SDC 6
RSTC
GND
RST
+ RST
– RST
GND
SDC 0
SD 0
– SD 0
+ SD 0
SDC 0
SD 0
TSEL
MSG
– MSG
+ MSG
MSG
TSEL
SDC 1
SD 1
– SD 1
+ SD 1
SD 1
SDC 1
TSEL
C/D
– C/D
+ C/D
C/D
TSEL
SDC 2
SD 2
– SD 2
+ SD 2
SD 2
SDC 2
TSEL
I/O
– I/O
+ I/O
I/O
TSEL
SDC 3
SD 3
– SD 3
+ SD 3
SD 3
SDC 3
ISEL
ATN
– ATN
+ ATN
ATN
ISEL
SDC 4
SD 4
– SD 4
+ SD 4
SD 4
SDC 4
SELC
GND
SEL
+ SEL
– SEL
GND
SDC 5
SD 5
– SD 5
+ SD 5
SD 5
SDC 5
BSYC
GND
BSY
+ BSY
– BSY
GND
SDC 7
SD 7
– SD 7
+ SD 7
SD 7
SDC 7
TSEL
REQC
REQ
+ REQ
– REQ
GND
SDC P
SD P
– SD P
+ SD P
SD P
SDC P
ISEL
ACKC
ACK
+ ACK
– ACK
GND
16506C-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com