Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SAGNFAQ Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # S25FL256SAGNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SAGNFAQ Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button S25FL256SAGNFAQ Datasheet HTML 2Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 3Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 4Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 5Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 6Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 7Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 8Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 9Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 5 of 148
S25FL128S/S25FL256S
1.2
Migration Notes
1.2.1
Features Comparison
The S25FL128S and S25FL256S devices are command set and footprint compatible with prior generation FL-K and FL-P families.
Notes:
1. 256B program page option only for 128-Mb and 256-Mb density FL-S devices.
2. FL-P column indicates FL129P MIO SPI device (for 128-Mb density).
3. 64-kB sector erase option only for 128-Mb/256-Mb density FL-P and FL-S devices.
4. FL-K family devices can erase 4-kB sectors in groups of 32 kB or 64 kB.
5. Refer to individual data sheets for further details.
Table 1. FL Generations Comparison
Parameter
FL-K
FL-P
FL-S
Technology Node
90 nm
90 nm
65 nm
Architecture
Floating Gate
MirrorBit
MirrorBit Eclipse
Release Date
In Production
In Production
2H2011
Density
4 Mb - 128 Mb
32 Mb - 256 Mb
128 Mb - 256 Mb
Bus Width
x1, x2, x4
x1, x2, x4
x1, x2, x4
Supply Voltage
2.7V - 3.6V
2.7V - 3.6V
2.7V - 3.6V / 1.65V - 3.6V VIO
Normal Read Speed (SDR)
6 MB/s (50 MHz)
5 MB/s (40 MHz)
6 MB/s (50 MHz)
Fast Read Speed (SDR)
13 MB/s (104 MHz)
13 MB/s (104 MHz)
17 MB/s (133 MHz)
Dual Read Speed (SDR)
26 MB/s (104 MHz)
20 MB/s (80 MHz)
26 MB/s (104 MHz)
Quad Read Speed (SDR)
52 MB/s (104 MHz)
40 MB/s (80 MHz)
52 MB/s (104 MHz)
Fast Read Speed (DDR)
20 MB/s (80 MHz)
Dual Read Speed (DDR)
40 MB/s (80 MHz)
Quad Read Speed (DDR)
80 MB/s (80 MHz)
Program Buffer Size
256B
256B
256B / 512B
Erase Sector Size
4 kB / 32 kB / 64 kB
64 kB / 256 kB
64 kB / 256 kB
Parameter Sector Size
4 kB
4 kB
4 kB (option)
Sector Erase Time (typ.)
30 ms (4 kB), 150 ms (64 kB)
500 ms (64 kB)
130 ms (64 kB), 520 ms (256 kB)
Page Programming Time (typ.)
700 µs (256B)
1500 µs (256B)
250 µs (256B), 340 µs (512B)
OTP
768B (3 x 256B)
506B
1024B
Advanced Sector Protection
No
No
Yes
Auto Boot Mode
No
No
Yes
Erase Suspend/Resume
Yes
No
Yes
Program Suspend/Resume
Yes
No
Yes
Operating Temperature
40°C to +85°C
40°C to +85°C / +105°C
40°C to +85°C /
+105°C / +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com