Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SAGNFAQ Datasheet(PDF) 60 Page - Cypress Semiconductor

Part # S25FL256SAGNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SAGNFAQ Datasheet(HTML) 60 Page - Cypress Semiconductor

Back Button S25FL256SAGNFAQ Datasheet HTML 56Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 57Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 58Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 59Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 60Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 61Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 62Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 63Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 59 of 148
S25FL128S/S25FL256S
8.3
Block Protection
The Block Protect bits (Status Register bits BP2, BP1, BP0) in combination with the Configuration Register TBPROT bit can be used
to protect an address range of the main flash array from program and erase operations. The size of the range is determined by the
value of the BP bits and the upper or lower starting point of the range is selected by the TBPROT bit of the configuration register.
When Block Protection is enabled (i.e., any BP2-0 are set to 1), Advanced Sector Protection (ASP) can still be used to protect
sectors not protected by the Block Protection scheme. In the case that both ASP and Block Protection are used on the same sector
the logical OR of ASP and Block Protection related to the sector is used. Recommendation: ASP and Block Protection should not be
used concurrently. Use one or the other, but not both.
Table 41. Upper Array Start of Protection (TBPROT = 0)
Status Register Content
Protected Fraction
of Memory Array
Protected Memory (kbytes)
BP2
BP1
BP0
FL128S
128 Mb
FL256S
256 Mb
00
0
None
0
0
0
0
1
Upper 64th
256
512
0
1
0
Upper 32nd
512
1024
0
1
1
Upper 16th
1024
2048
1
0
0
Upper 8th
2048
4096
1
0
1
Upper 4th
4096
8192
1
1
0
Upper Half
8192
16384
1
1
1
All Sectors
16384
32768
Table 42. Lower Array Start of Protection (TBPROT = 1)
Status Register Content
Protected Fraction
of Memory Array
Protected Memory (kbytes)
BP2
BP1
BP0
FL128S
128 Mb
FL256S
256 Mb
00
0
None
0
0
0
0
1
Lower 64th
256
512
0
1
0
Lower 32nd
512
1024
0
1
1
Lower 16th
1024
2048
1
0
0
Lower 8th
2048
4096
1
0
1
Lower 4th
4096
8192
1
1
0
Lower Half
8192
16384
1
1
1
All Sectors
16384
32768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com