Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTA2-1/2-1/2-SS Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # MTA2-1/2-1/2-SS
Description  STANDARD DIMENSION DE OMEGA ADAPTORS AND REDUCING RUSHINGS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

MTA2-1/2-1/2-SS Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  MTA2-1/2-1/2-SS Datasheet HTML 1Page - Omega Engineering, Inc. MTA2-1/2-1/2-SS Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C-7
Standard dimenSion
adaptorS and redUCinG BUShinGS
U
Rugged Design
U
Available in Stainless
Steel, Brass, or
Carbon Steel
U
Reduce Down to 1⁄8 NPT
U
Adapt Up to 1 NPT
Bushings
Adaptors
U
Ferrule Design for
Positive Pressure Seal
U
Heavy Duty
Construction in
Stainless Steel
or Brass
U
For Protection
Tube Diameters
1
⁄16" up to 1⁄2"
For metric compression
fittings see page C-8.
Replacement Ferrules - (pkg of 10)
TUBe
STAiNleSS
OD
BRASS
STeel
PTFe
1
⁄16
B-FeR-1/16
SS-FeR-1/16
T-FeR-1/16
1
⁄8
B-FeR-1/8 (18)
SS-FeR-1/8 (45)
T-FeR-1/8 (75)
3
⁄16
B-FeR-3/16 (18)
SS-FeR-3/16 (45) T-FeR-3/16 (75)
1
⁄4
B-FeR-1/4 (18)
SS-FeR-1/4 (45)
T-FeR-1/4 (75)
5
⁄16
B-FeR-5/16 (20) SS-FeR-5/16 (50) T-FeR-5/16 (80)
3
⁄8
B-FeR-3/8 (20)
SS-FeR-3/8 (50) T-FeR-3/8 (80)
1
⁄2
B-FeR-1/2 (30)
SS-FeR-1/2 (75)
T-FeR-1/2 (115)
omeGaLoK®CompreSSion FittinGS
* Fittings are available only in carbon steel.
Ordering Example: RB-12-14-SS, stainless steel
1
⁄2 male and 1⁄4 female reducing bushing.
PROTeCTiON MAle
leNgTH
TUBe OD
Th’d
mm
BRASS
316 SS
in.
NPT
(inch)
MODel NO.
MODel NO.
1⁄16
1⁄16
24.6 (0.97)
N/A
SSlK-116-116
1⁄16
1⁄8
26.2 (1.03)
BRlK-116-18
SSlK-116-18
1⁄8
1⁄8
30.0 (1.18)
BRlK-18-18
SSlK-18-18
1⁄8
1⁄4
35.6 (1.40)
BRlK-18-14
SSlK-18-14
3⁄16
1⁄8
31.0 (1.22)
BRlK-316-18
SSlK-316-18
3⁄16
1⁄4
46.0 (1.81)
BRlK-316-14
SSlK-316-14
1⁄4
1⁄8
32.8 (1.29)
BRlK-14-18
SSlK-14-18
1⁄4
1⁄4
37.6 (1.48)
BRlK-14-14
SSlK-14-14
5⁄16
1⁄4
39.1 (1.54)
N/A
SSlK-516-14
3⁄8
1⁄4
40.4 (1.59)
BRlK-38-14
SSlK-38-14
3⁄8
3⁄8
40.4 (1.59)
BRlK-38-38
SSlK-38-38
3⁄8
1⁄2
46.0 (1.81)
BRlK-38-12
SSlK-38-12
1⁄2
1⁄2
49.3 (1.94)
BRlK-12-12
SSlK-12-12
Note: PTFE can only be used with stainless steel compression fittings.
Ordering Example: BRLK-18-18, brass 1
⁄8 NPT compression fitting for
1
⁄8" OD protection tubes.
COMPReSSiON FiTTiNgS
ADAPTORS AND BUSHiNgS
To Order
NPT THReAD
ACROSS Hex
leNgTH
BRASS
STAiNleSS STeel
MAle
FeMAle
FlATS iNCHeS
iNCHeS
MODel NO.
MODel NO.
ReDUCiNg ADAPTORS
1
⁄8
1
⁄4
11⁄8
1.50
RA-18-14-BR
RA-18-14-SS
1
⁄8
1
⁄2
11⁄8
1.50
RA-18-12-BR
RA-18-12-SS
1
⁄4
1
⁄2
11⁄8
1.69
RA-14-12-BR
RA-14-12-SS
1
⁄2
3
⁄4
13⁄8
1.94
RA-12-34-BR
RA-12-34-SS
1
⁄2
1
15⁄8
2.16
—
RA-12-1-SS
7
⁄16-20
1
⁄4
9
⁄16
1.25
—
RA-716-14M-SS
7
⁄16 -20
1
⁄4 female
3
⁄4
1.31
—
RA-716-14F-SS
ReDUCiNg BUSHiNgS
1
⁄4
1
⁄8
7
⁄8
1.09
RB-14-18-BR
RB-14-18-SS
1
⁄2
1
⁄8
7
⁄8
1.09
RB-12-18-BR
RB-12-18-SS
1
⁄2
1
⁄4
7
⁄8
1.09
RB-12-14-BR
RB-12-14-SS
3
⁄4
1
⁄2
11⁄8
1.17
RB-34-12-BR
RB-34-12-SS
1
1
⁄2
13⁄8
1.36
RB-1-12-BR
RB-1-12-SS
1
3
⁄4
13⁄8
1.36
RB-1-34-BR
RB-1-34-SS
11⁄4
3
⁄4
13⁄4
1.48
—
RB-114-34-CS*
11⁄4
1
13⁄4
1.48
—
RB-114-1-CS*
11⁄2
1
2
1.56
—
RB-112-1-CS*


Similar Part No. - MTA2-1/2-1/2-SS

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTA2 ADAM-TECH-MTA2 Datasheet
128Kb / 1P
.100 HEADER & HOUSING CONNECTOR SYSTEM
MTA20 ADAM-TECH-MTA20 Datasheet
128Kb / 1P
.100 HEADER & HOUSING CONNECTOR SYSTEM
logo
Marktech Corporate
MTA2063-G MARKTECH-MTA2063-G Datasheet
65Kb / 1P
Packaged LEDS/PCB Mount Indicators
MTA2063-G MARKTECH-MTA2063-G Datasheet
37Kb / 2P
Marktech RT Angle Dual Stack PCB MT 3mm LEDs
MTA2063-HR MARKTECH-MTA2063-HR Datasheet
65Kb / 1P
Packaged LEDS/PCB Mount Indicators
More results

Similar Description - MTA2-1/2-1/2-SS

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MSGAU10 ALLEN-BRADLEY-440T-MSGAU10 Datasheet
105Kb / 2P
Switchgear Adaptors
logo
Superworld Electronics
WH030100 SUPERWORLD-WH030100 Datasheet
140Kb / 3P
Linear Adaptors
WK060700 SUPERWORLD-WK060700 Datasheet
158Kb / 4P
Linear Adaptors
WS030050 SUPERWORLD-WS030050 Datasheet
66Kb / 2P
Linear Adaptors
WW030500 SUPERWORLD-WW030500 Datasheet
161Kb / 4P
Linear Adaptors
logo
Assmann Electronics Inc...
IEEE1394 ASSMANN-IEEE1394 Datasheet
108Kb / 1P
USB Adaptors, IEEE 1394 Cables and Adaptors
logo
List of Unclassifed Man...
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
Plugs and Adaptors
logo
Molex Electronics Ltd.
1210010220 MOLEX-1210010220 Datasheet
213Kb / 3P
MPM A06 ADAPTORS
2009/05/05
1210010231 MOLEX-1210010231 Datasheet
213Kb / 3P
MPM A06 ADAPTORS
2009/05/05
1210010234 MOLEX-1210010234 Datasheet
213Kb / 3P
MPM A06 ADAPTORS
2009/05/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com