Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RGU7TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32F412RGU7TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGU7TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32F412RGU7TR Datasheet HTML 11Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 12Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 13Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 14Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 15Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 16Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 17Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 18Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 201 page
background image
DocID028087 Rev 7
15/201
STM32F412xE/G
Description
42
Table 2. STM32F412xE/G features and peripheral counts
Peripherals
STM32F412xE
STM32F412xG
Flash memory (Kbyte)
512
1024
SRAM
(Kbyte)
System
256
FSMC memory
controller(1)
-1
-
1
Quad-SPI memory
interface
-1-
1
Timers
General-
purpose
10
Advanced-
control
2
Basic
2
Random number generator
1
Comm.
interfaces
SPI/ I2S
5/5 (2 full duplex)
I2C3
I2CFMP
1
USART
4(2)
44(2)
4
SDIO/MMC
1
USB/OTG FS
Dual power rail
1
No
1
Yes
1
No
1
Yes
CAN
2
Number of digital Filters for
Sigma-delta modulator
Number of channels
2
3
2
4
2
3
2
4
LCD parallel interface
Data bus size
-
8
16
-
8
16
GPIOs
36
50
81
114
36
50
81
114
12-bit ADC
Number of channels
1
10
16
10
16
Maximum CPU frequency
100 MHz
Operating voltage
1.7 to 3.6 V
Operating temperatures
Ambient temperatures: -40 to +85 °C / -40 to +105 °C/ -40 to +125 °C
Junction temperature: -40 to +130 °C
Package
UFQ
FPN48
LQFP64
WLCSP64
UFBGA
100
LQFP100
UFBGA
144
LQFP144
UFQ
FPN48
LQFP64
WLCSP
64
UFBGA
100
LQFP100
UFBGA
144
LQFP144
1. The FSMC can also be used to interface most graphic LCD controllers.
2. Limited application for the USART3 since RX is not available for the UFQFPN48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com