Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RGU7TR Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32F412RGU7TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGU7TR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32F412RGU7TR Datasheet HTML 34Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 35Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 36Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 37Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 38Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 39Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 40Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 41Page - STMicroelectronics STM32F412RGU7TR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 201 page
background image
Functional overview
STM32F412xE/G
38/201
DocID028087 Rev 7
3.27
Inter-integrated sound (I2S)
Five standard I2S interfaces (multiplexed with SPI1 to SPI5) are available. They can be
operated in master or slave mode, in simplex communication mode, and full duplex mode
for I2S2 and I2S3. All I2S interfaces can be configured to operate with a 16-/32-bit resolution
as an input or output channel. I2Sx audio sampling frequencies from 8 kHz up to 192 kHz
are supported. When either or both of the I2S interfaces is/are configured in master mode,
the master clock can be output to the external DAC/CODEC at 256 times the sampling
frequency.
All I2Sx interfaces can be served by the DMA controller.
3.28
Audio PLL (PLLI2S)
The devices feature an additional dedicated PLL for audio I2S applications. It allows to
achieve error-free I2S sampling clock accuracy without compromising on the CPU
performance, while using USB peripherals.
Different sources can be selected for the I2S master clock of the APB1 and the I2S master
clock of the APB2. This gives the flexibility to work with two different audio sampling
frequencies. The different possible sources are the main PLL, the PLLI2S, HSE or HSI
clocks or an external clock provided through a pin (external PLL or Codec output)
The PLLI2S configuration can be modified to manage an I2S sample rate change without
disabling the main PLL (PLL) used for CPU, USB and Ethernet interfaces.
The audio PLL can be programmed with very low error to obtain sampling rates ranging
from 8 KHz to 192 KHz.
3.29
Digital filter for sigma-delta modulators (DFSDM)
The device embeds one DFSDM with 2 digital filters modules and 4 external input serial
channels (transceivers) or alternately 2 internal parallel inputs support.
The amount of filters defines the number of conversions which can be performed
simultaneously.
The DFSDM peripheral is dedicated to interface the external Σ∆ modulators to
microcontroller and then to perform digital filtering of the received data streams (which
represent analog value on Σ∆ modulators inputs). DFSDM can also interface PDM (Pulse
Density Modulation) microphones and perform PDM to PCM conversion and filtering in
hardware. DFSDM features optional parallel data stream inputs from microcontrollers
memory (through DMA/CPU transfers into DFSDM).
DFSDM transceivers support several serial interface formats (to support various Σ∆
modulators). DFSDM digital filter modules perform digital processing according user
selected filter parameters with up to 24-bit final ADC resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com