Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGNET200-FL-DC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AGNET200-FL-DC
Description  Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor, 1 COM, 1 LAN, DIO (4-in/4-out) and CANBus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AGNET200-FL-DC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AGNET200-FL-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. AGNET200-FL-DC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
217
www.axiomtek.com
© 2020 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
NEW
Specifications
Construction
Extruded aluminum and heavy-duty steel, IP20
CPU
NXP i.MX 6UL processor, ARM® Cortex®-A7 @ 528 MHz
System Memory
1 x DDR3L-1600 onboard, 256 MB
System I/O Outlet
Serial Port
1 x RS-232/422/485
LAN
1 x 10/100 Mbps Ethernet
Magnetic isolation protection 1.5KV
USB
1 x USB 2.0
DIO
1 x DIO (4-in/4-out)
DI: Wet/Dry
DO: Wet
DI:
Digital input levels for wet contacts:
- Logic level 0: +10V to +24V (DI To COM-)
- Logic level 1: +3V max.
Digital input levels for dry contacts:
- Logic level 0: Close to GND
- Logic level 1: Open
DO:
Output channels: 4, sink type
Output current: max. 200 mA per
channel
On-state voltage: 24 VDC nominal, open
collector to 30V
CANBus
1 x CANBus
Console Port
Yes, for user setting with debug
EEPROM
1 x EEPPROM (2 Kb)
Wireless
2 x PCI Express Mini Card slot (USB
signal only)
1 x SIM card socket
Watchdog Timer
WDT 1: 0.5 to 128 sec. with a time resolution of 0.5 sec.
LED
1 x LED for system status
1 x LED for USB power status
1 x LED for COM/Console mode
2 x LED for TX/RX status
5 x LED (programming by client)
Storage
1 x eMMC 4GB flash onboard
1 x Micro SD card slot
Power Supply
9 to 48 VDC power input range
Operating Temperature
-40°C to +70°C (-40°F to +158°F)
Storage Temperature
-45°C to +85°C (-49°F to +185°F)
Humidity
10% to 95%
Vibration Endurance
2 Gms @ (10 to 150Hz random; operation)
Dimensions
31 mm (1.22") (W) x 100 mm (3.94") (D) x 125 mm (4.92") (H)
Weight (net/gross)
0.3 kg (0.66 lb)/0.44 kg (0.97 lb)
Installation
DIN-rail, wall mount
OS Support
Yocto Sumo
Certifications
CE, FCC
Agent200-FL-DC
● RISC-based (i.MX 6UltraLite) processor 528 MHz
● 256MB DDR3L SDRAM onboard
● 4GB eMMC flash onboard
● 2 PCI Express Mini Card slots (Wi-Fi or 3G/4G)
● 4 digital inputs and 4 digital outputs
● Power input range of 9V to 48V DC with terminal block
● Embedded Linux (Yocto) operating system
● Fanless and compact design
● Wide operating temperature range from -40°C to +70°C
Features
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor,
1 COM, 1 LAN, DIO (4-in/4-out) and CANBus
1 x USB 2.0 Type A
1 x LAN (10/100 Mbps)
1 x CANBus
External SD/SIM slot
4-in/4-out DIO
1 x RS-232/422/485/
console port (switchable)
i.MX6UL
Ext. Temp
Fanless
Low Power
Updated Aug. 06, 2020.


Similar Part No. - AGNET200-FL-DC

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
High Sensitivity, with 100mW nominal operating power
logo
Advanced Semiconductor ...
AGN1440 ASB-AGN1440 Datasheet
577Kb / 11P
Ku Band GaN Amplifier MMIC
June 2015
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
Ku Band GaN Power Amplifier MMIC
Sept 2015
logo
Nais(Matsushita Electri...
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
AGN20003 NAIS-AGN20003 Datasheet
105Kb / 4P
ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
More results

Similar Description - AGNET200-FL-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RBOX610 AXIOMTEK-RBOX610 Datasheet
401Kb / 2P
Robust Din-rail Fanless Embedded System with RISC-based (iMX-287) Processor 4 COM, 2 CAN Bus and DIO
ICO100-839-E3930-DC AXIOMTEK-ICO100-839-E3930-DC Datasheet
319Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Atom??x5-E3930 Processor, 2 COM, 1 LAN, 2 USB and 1 DIO
ICO300-E3815-WT AXIOMTEK-ICO300-E3815-WT Datasheet
347Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Atom??Processor E3815/E3827, 4 COM, 2 LANs, DIO and RTC
ICO310-N3160-PB-DC AXIOMTEK-ICO310-N3160-PB-DC Datasheet
301Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Celeron짰 Processor N3060/N3160, 2 COM, 4 USB, 2 GbE LANs (1 PoE PD), DIO and RTC
ICO310-N3160-PB-PD-DC AXIOMTEK-ICO310-N3160-PB-PD-DC Datasheet
301Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Celeron짰 Processor N3060/N3160, 2 COM, 4 USB, 2 GbE LANs (1 PoE PD), DIO and RTC
IFB112 AXIOMTEK-IFB112 Datasheet
304Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor
IFB122 AXIOMTEK-IFB122_17 Datasheet
274Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor 2 COM
RBOX610 AXIOMTEK-RBOX610_17 Datasheet
365Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with iMX-287 Processor
RBOX630 AXIOMTEK-RBOX630_17 Datasheet
350Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6 Processor
IRU151 AXIOMTEK-IRU151 Datasheet
337Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com