Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR910FAM42X6T Datasheet(PDF) 12 Page - STMicroelectronics

Part # STR910FAM42X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM42X6T Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STR910FAM42X6T Datasheet HTML 8Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 9Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 10Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 11Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 12Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 13Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 14Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 15Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 99 page
background image
Functional overview
STR91xFAx32 STR91xFAx42 STR91xFAx44
12/99
3
Functional overview
3.1
System-in-a-Package (SiP)
The STR91xFA is a SiP device, comprised of two stacked die. One die is the ARM966E-S
CPU with peripheral interfaces and analog functions, and the other die is the burst Flash.
The two die are connected to each other by a custom high-speed 32-bit burst memory
interface and a serial JTAG test/programming interface.
3.2
Package choice
STR91xFA devices are available in 128-pin (14 x 14 mm) 80-pin (12 x 12 mm) LQFP and
LFBGA144 (10 x 10 mm) packages. Refer to Table 2 and Table 3 on page 11 for a list of
available peripherals for each of the package choices.
3.3
ARM966E-S CPU core
The ARM966E-S core inherently has separate instruction and data memory interfaces
(Harvard architecture), allowing the CPU to simultaneously fetch an instruction, and read or
write a data item through two Tightly-Coupled Memory (TCM) interfaces as shown in
Figure 1. The result is streamlined CPU Load and Store operations and a significant
reduction in cycle count per instruction. In addition to this, a 5-stage pipeline is used to
increase the amount of operational parallelism, giving the most performance out of each
clock cycle.
Ten DSP-enhanced instruction extensions are supported by this core, including single-cycle
execution of 32x16 Multiply-Accumulate, saturating addition/subtraction, and count leading-
zeros.
The ARM966E-S core is binary compatible with 32-bit ARM7 code and 16-bit Thumb® code.
3.4
Burst Flash memory interface
A Burst Flash memory interface (Figure 1) has been integrated into the Instruction TCM
(I-TCM) path of the ARM966E-S core. Also in this path is an 8-instruction Pre-Fetch Queue
(PFQ) and a 15-entry Branch Cache (BC), enabling the ARM966E-S core to perform up to
96 MIPS while executing code directly from Flash memory. This architecture provides high
performance levels without a costly instruction SRAM, instruction cache, or external
SDRAM. Eliminating the instruction cache also means interrupt latency is reduced and code
execution becomes more deterministic.
3.4.1
Pre-Fetch Queue (PFQ)
As the CPU core accesses sequential instructions through the I-TCM, the PFQ always looks
ahead and will pre-fetch instructions, taking advantage any idle bus cycles due to variable
length instructions. The PFQ will fetch 32-bits at a time from the Burst Flash memory at a
rate of up to 96 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com