Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR910FAM42X6T Datasheet(PDF) 20 Page - STMicroelectronics

Part # STR910FAM42X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM42X6T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STR910FAM42X6T Datasheet HTML 16Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 17Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 18Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 19Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 20Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 21Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 22Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 23Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 99 page
background image
Functional overview
STR91xFAx32 STR91xFAx42 STR91xFAx44
20/99
3.10
Clock control unit (CCU)
The CCU generates a master clock of frequency fMSTR. From this master clock the CCU
also generates individually scaled and gated clock sources to each of the following
functional blocks within the STR91xFA.
●
CPU, fCPUCLK
●
Advanced High-performance Bus (AHB), fHCLK
●
Advanced Peripheral Bus (APB), fPCLK
●
Flash Memory Interface (FMI), fFMICLK
●
External Memory Interface (EMI), fBCLK
●
UART Baud Rate Generators, fBAUD
●
USB, fUSB
3.10.1
Master clock sources
The master clock in the CCU (fMSTR) is derived from one of three clock input sources. Under
firmware control, the CPU can switch between the three CCU inputs without introducing any
glitches on the master clock output. Inputs to the CCU are:
●
Main Oscillator (fOSC). The source for the main oscillator input is a 4 to 25 MHz external
crystal connected to STR91xFA pins X1_CPU and X2_CPU, or an external oscillator
device connected to pin X1_CPU.
●
PLL (fPLL). The PLL takes the 4 to 25 MHz oscillator clock as input and generates a
master clock output up to 96 MHz (programmable). By default, at power-up the master
clock is sourced from the main oscillator until the PLL is ready (locked) and then the
CPU may switch to the PLL source under firmware control. The CPU can switch back to
the main oscillator source at any time and turn off the PLL for low-power operation. The
PLL is always turned off in Sleep mode.
●
RTC (fRTC). A 32.768 kHz external crystal can be connected to pins X1_RTC and
X2_RTC, or an external oscillator connected to pin X1_RTC to constantly run the real-
time clock unit. This 32.768 kHz clock source can also be used as an input to the CCU
to run the CPU in slow clock mode for reduced power.
As an option, there are a number of peripherals that do not have to receive a clock sourced
from the CCU. The USB interface can receive an external clock on pin P2.7, TIM timers
TIM0/ TIM1 can receive an external clock on pin P2.4, and timers TIM2/TIM3 on pin P2.5.
29
VIC1.13
Wake-up Group 3
Logic OR of 8 interrupts from pins P7.0 to P7.7
30
VIC1.14
USB
USB Bus Resume Wake-up (also input to wake-up unit)
31 (low priority)
VIC1.15
PFQ-BC
Special use of interrupts from Prefetch Queue and Branch Cache
Table 7.
VIC IRQ Channels (continued)
IRQ Channel
hardware
priority
VIC input
channel
Logic Block
Interrupt Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com