Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INDYSTAR Datasheet(PDF) 2 Page - Coherent Corp

Part # INDYSTAR
Description  Fast Pulse, High Precision Processing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

INDYSTAR Datasheet(HTML) 2 Page - Coherent Corp

  INDYSTAR Datasheet HTML 1Page - Coherent Corp INDYSTAR Datasheet HTML 2Page - Coherent Corp INDYSTAR Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
IndyStar
Specifications
193 1 kHz
193 2 kHz
248 1 kHz
248 2 kHz
Wavelength (nm)
193
193
248
248
Nominal Pulse Energy (mJ)
8
4
12
6
Nominal Pulse Power (W)
8
8
12
12
Maximum Pulse Energy (mJ)
12
8
16
8
Energy Stability (sigma, %)
<2
<2
<2
<2
Maximum Repetition Rate (Hz)
1000
2000
1000
2000
Beam Dimension (FWHM, mm, V x H)
(5.7 ±0.5) x (2.5 ±0.5)
(5.5 ±0.5) x (2.3 ±0.5)
(5.7 ±0.5) x (2.7 ±0.5)
(5.9 ±0.5) x (2.7 ±0.5)
Beam Divergence (FWHM, mrad, V x H) (2.25 ±0.5) x (1.0 ±0.5) (2.75 ±0.5) x (1.0 ±0.5)
(2.4 ±0.5) x (1.6 ±0.5)
(3.4 ±0.7) x (1.7 ±0.5)
Pulse Duration (FWHM, ns)
5 ±2
4 ±1
6 ±2
4 ±1
Cooling
Air/Water
Water
Air/Water
Water
Weight
135 kg (297 lbs.)
Laser Dimensions
996.5 x 381 x 828 mm (39.2 x 15 x 32.6 in.)
Electrical
230 V (1-phase) / 208 V (2-phase), 50/60 Hz, 2100 VA
IndyStar Series Energy Performance
Typical Performance Data
High Voltage (%)
0
5
10
15
20
25
0102030405060708090100
IndyStar 193 nm/2 kHz
IndyStar 248 nm/1 kHz
IndyStar 193 nm/1 kHz
IndyStar 248 nm/2 kHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com