Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INDYSTAR Datasheet(PDF) 1 Page - Coherent Corp

Part # INDYSTAR
Description  Fast Pulse, High Precision Processing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

INDYSTAR Datasheet(HTML) 1 Page - Coherent Corp

  INDYSTAR Datasheet HTML 1Page - Coherent Corp INDYSTAR Datasheet HTML 2Page - Coherent Corp INDYSTAR Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IndyStar is a rugged high-duty cycle excimer laser designed for fast pulse frequency applications as high as 2000 Hz.
Based on proven ALMETA tube technology, the Semi-S2 certified IndyStar operates over many billion pulses at ultra-short
193 nm and 248 nm wavelengths. The IndyStar series is engineered to meet the highest demands in every aspect of an
industrial laser.
Fast Pulse, High Precision Processing
IndyStar
Excimer Lasers
FEATURES
APPLICATIONS
• Repetition rate of 1 and 2 kHz for fast processing
• TimeLok and PowerLok functionalities for ultimate
pulse control
• ALMETA tube design to ensure most efficient
processing
• Semi-S2 compliance and premix gas supply to
facilitate production floor integrations
• Photomask Inspection
• Inkjet Nozzle Drilling
• Optics Testing


Similar Part No. - INDYSTAR

ManufacturerPart #DatasheetDescription
logo
G24 Innovations
INDY2050 G24I-INDY2050 Datasheet
992Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY2100 G24I-INDY2100 Datasheet
1Mb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY2200 G24I-INDY2200 Datasheet
1,005Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY3050 G24I-INDY3050 Datasheet
984Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY3100 G24I-INDY3100 Datasheet
1,014Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
More results

Similar Description - INDYSTAR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7556 INTERSIL-ICM7556 Datasheet
218Kb / 11P
Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
November 2002
logo
Analog Devices
AD890 AD-AD890 Datasheet
577Kb / 8P
PRECISION, WIDEBAND CHANNEL PROCESSING ELEMENT
AD790 AD-AD790_02 Datasheet
173Kb / 12P
Fast, Precision Comparator
03/02-Data Sheet changed from REV. B to REV. C.
AD8295 AD-AD8295 Datasheet
669Kb / 28P
Precision Instrumentation Amplifier with Signal Processing Amplifiers
REV. 0
logo
IXYS Corporation
PVX-2506 IXYS-PVX-2506 Datasheet
91Kb / 2P
50V, 10A PRECISION PULSE GENERATOR
logo
Texas Instruments
TMS320F28069 TI1-TMS320F28069_16 Datasheet
2Mb / 177P
Fast Interrupt Response and Processing
logo
Analog Devices
AD790 AD-AD790_17 Datasheet
353Kb / 11P
Fast, Precision Fast, Precision
23-Feb-2017
logo
PHOENIX CONTACT
CRIMPFOX-RCI-6 PHOENIX-CRIMPFOX-RCI-6 Datasheet
54Kb / 3P
Precision-manufactured dies ensure consistently high levels of quality during contact processing
CRIMPFOX-P-SR-6 PHOENIX-CRIMPFOX-P-SR-6 Datasheet
48Kb / 3P
Precision-manufactured dies ensure consistently high levels of quality during contact processing
logo
Directed Energy, Inc.
PVX-2506 DEI-PVX-2506 Datasheet
91Kb / 2P
50V, 10A PRECISION PULSE GENERATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com