Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF0360SA1-R2000 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FF0360SA1-R2000
Description  0.5 mm pitch FPC connector, bottom contact, 60 pos., Standard mounting type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FF0360SA1-R2000 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FF0360SA1-R2000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FF0360SA1-R2000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FF0360SA1-R2000
Features
0.5 mm pitch FPC connector, bottom contact, 60 pos., Standard mounting type
Part Number
FF0360SA1-R2000
Status
Active(NRND)
Number of Positions
60 pos.
Contact Pitch (mm)
0.5 mm
Connector Type
Standard mounting type
PCB Mounted Height (mm)
2
FPC Entry Angle
Right-angle (Lower-side contact)
ZIF/ Non-ZIF/ LIF
ZIF
Applicable FPC Thickness
(mm)
0.3
Material of Contact
Copper alloy
Finish of Contact in Connecting
Area
Gold plating over Nickel
Finish of Contact in PCB
Mounting Area
Gold plating over Nickel
Packaging Type
Embossed tape packaging
Quantity in The Standard
Packaging (pieces)
2000
Product Details


Similar Part No. - FF0360SA1-R2000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FF0360SA1 JAE-FF0360SA1 Datasheet
56Kb / 2P
0.5 mm pitch FPC connector, bottom contact, 60 pos., Standard mounting type
More results

Similar Description - FF0360SA1-R2000

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2H OMRON-XF2H Datasheet
312Kb / 6P
0.5 mm-Pitch Rotary-Lock FPC Connector
logo
Tyco Electronics
487952 MACOM-487952 Datasheet
52Kb / 2P
1.0 mm, FPC Connector, Right Angle, SMT, Bottom Contact
logo
Molex Electronics Ltd.
5027906091 MOLEX11-5027906091 Datasheet
391Kb / 5P
0.50mm (.020") Pitch FPC Connector, ZIF, Easy-On, Double Bottom Contact, 60 Circuits
logo
Hirose Electric
FH39 HIROSE-FH39 Datasheet
149Kb / 1P
0.3 mm Pitch, 1.1 mm Height, Top/Bottom Contact, Back Flip FPC Connector
ITS-P-10002FH HIROSE-ITS-P-10002FH Datasheet
361Kb / 1P
0.5 mm Pitch, 2 mm Height, Robust FPC/FFC Connector
logo
Molex Electronics Ltd.
52746-1890 MOLEX11-52746-1890 Datasheet
328Kb / 5P
0.5 FPC CONN. Z.I.F. FOR SMT.R/A(BOTTOM CONTACT)
logo
Tyco Electronics
1734592 MACOM-1734592 Datasheet
165Kb / 3P
FPC CONNECTOR, 0.5mm PITCH, BOTTOM CONTACT, SMT TYPE
logo
List of Unclassifed Man...
MC34371 ETC2-MC34371 Datasheet
29Kb / 2P
1.0mm FPC Connector - Bottom Contact
logo
Japan Aviation Electron...
FG2 JAE-FG2 Datasheet
199Kb / 4P
0.2mm pitch, One-Touch, Bottom-Contact Connector for FPC
logo
Omron Electronics LLC
XF2G OMRON-XF2G Datasheet
304Kb / 4P
0.5 mm-Pitch Vertical FPC Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com