Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UUD0J331MCL1GS Datasheet(PDF) 3 Page - Nichicon corporation

Part # UUD0J331MCL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UUD0J331MCL1GS Datasheet(HTML) 3 Page - Nichicon corporation

  UUD0J331MCL1GS Datasheet HTML 1Page - Nichicon corporation UUD0J331MCL1GS Datasheet HTML 2Page - Nichicon corporation UUD0J331MCL1GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UUD
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
(20℃/100kHz)
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
2 minutes
)
25
(1E)
10
4×5.8
0.14
3
1.80
80
UUD1E100MCL1GS
15
5×5.8
0.14
3.75
0.76
150
UUD1E150MCL1GS
22
5×5.8
0.14
5.5
0.76
150
UUD1E220MCL1GS
27
6.3×5.8
0.14
6.75
0.44
230
UUD1E270MCL1GS
33
6.3×5.8
0.14
8.25
0.44
230
UUD1E330MCL1GS
47
6.3×5.8
0.14
11.75
0.44
230
UUD1E470MCL1GS
56
6.3×5.8
0.14
14
0.44
230
UUD1E560MCL1GS
68
6.3×5.8
0.14
17
0.44
230
UUD1E680MCL1GS
100
6.3×7.7
0.14
25
0.34
280
UUD1E101MCL1GS
150
8×10
0.16
37.5
0.17
450
UUD1E151MNL1GS
220
8×10
0.16
55
0.17
450
UUD1E221MNL1GS
330
8×10
0.16
82.5
0.17
450
UUD1E331MNL1GS
470
10×10
0.16
117.5
0.09
670
UUD1E471MNL1GS
35
(1V)
4.7
4×5.8
0.12
3
1.80
80
UUD1V4R7MCL1GS
10
5×5.8
0.12
3.5
0.76
150
UUD1V100MCL1GS
15
5×5.8
0.12
5.25
0.76
150
UUD1V150MCL1GS
22
5×5.8
0.12
7.7
0.76
150
UUD1V220MCL1GS
27
6.3×5.8
0.12
9.45
0.44
230
UUD1V270MCL1GS
33
6.3×5.8
0.12
11.55
0.44
230
UUD1V330MCL1GS
47
6.3×5.8
0.12
16.45
0.44
230
UUD1V470MCL1GS
56
6.3×7.7
0.12
19.6
0.34
280
UUD1V560MCL1GS
68
6.3×7.7
0.12
23.8
0.34
280
UUD1V680MCL1GS
100
8×10
0.14
35
0.17
450
UUD1V101MNL1GS
150
8×10
0.14
52.5
0.17
450
UUD1V151MNL1GS
220
8×10
0.14
77
0.17
450
UUD1V221MNL1GS
330
10×10
0.14
115.5
0.09
670
UUD1V331MNL1GS
50
(1H)
1
4×5.8
0.12
3
5.00
30
UUD1H010MCL1GS
2.2
4×5.8
0.12
3
5.00
30
UUD1H2R2MCL1GS
3.3
4×5.8
0.12
3
5.00
30
UUD1H3R3MCL1GS
4.7
5×5.8
0.12
3
1.52
85
UUD1H4R7MCL1GS
10
6.3×5.8
0.12
5
0.88
165
UUD1H100MCL1GS
15
6.3×5.8
0.12
7.5
0.88
165
UUD1H150MCL1GS
22
6.3×5.8
0.12
11
0.88
165
UUD1H220MCL1GS
27
6.3×7.7
0.12
13.5
0.68
185
UUD1H270MCL1GS
33
6.3×7.7
0.12
16.5
0.68
185
UUD1H330MCL1GS
47
6.3×7.7
0.12
23.5
0.68
185
UUD1H470MCL1GS
56
8×10
0.14
28
0.34
300
UUD1H560MNL1GS
68
8×10
0.14
34
0.34
300
UUD1H680MNL1GS
100
8×10
0.14
50
0.34
300
UUD1H101MNL1GS
150
10×10
0.14
75
0.18
670
UUD1H151MNL1GS
220
10×10
0.14
110
0.18
670
UUD1H221MNL1GS
Dimensions
For taping specifications, recommended land size/soldering by
reflow and minimum order quantity, please refer to the Guidelines
for Aluminum Electrolytic Capacitors.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com