Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UUD0J331MCL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # UUD0J331MCL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UUD0J331MCL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  UUD0J331MCL1GS Datasheet HTML 1Page - Nichicon corporation UUD0J331MCL1GS Datasheet HTML 2Page - Nichicon corporation UUD0J331MCL1GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UUD
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
(20℃/100kHz)
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
2 minutes
)
6.3
(0J)
27
4×5.8
0.26
3
1.80
80
UUD0J270MCL1GS
33
5×5.8
0.26
3
0.76
150
UUD0J330MCL1GS
47
5×5.8
0.26
3
0.76
150
UUD0J470MCL1GS
56
5×5.8
0.26
3.528
0.76
150
UUD0J560MCL1GS
68
6.3×5.8
0.26
4.284
0.44
230
UUD0J680MCL1GS
100
6.3×5.8
0.26
6.3
0.44
230
UUD0J101MCL1GS
150
6.3×5.8
0.26
9.45
0.44
230
UUD0J151MCL1GS
220
6.3×5.8
0.26
13.86
0.44
230
UUD0J221MCL1GS
330
6.3×7.7
0.26
20.79
0.34
280
UUD0J331MCL1GS
470
8×10
0.28
29.61
0.17
450
UUD0J471MNL1GS
680
8×10
0.28
42.84
0.17
450
UUD0J681MNL1GS
1000
8×10
0.28
63
0.17
450
UUD0J102MNL1GS
1500
10×10
0.28
94.5
0.09
670
UUD0J152MNL1GS
10
(1A)
22
4×5.8
0.20
3
1.80
80
UUD1A220MCL1GS
27
5×5.8
0.20
3
0.76
150
UUD1A270MCL1GS
33
5×5.8
0.20
3.3
0.76
150
UUD1A330MCL1GS
47
6.3×5.8
0.20
4.7
0.44
230
UUD1A470MCL1GS
56
6.3×5.8
0.20
5.6
0.44
230
UUD1A560MCL1GS
68
6.3×5.8
0.20
6.8
0.44
230
UUD1A680MCL1GS
100
6.3×5.8
0.20
10
0.44
230
UUD1A101MCL1GS
150
6.3×5.8
0.20
15
0.44
230
UUD1A151MCL1GS
220
6.3×7.7
0.20
22
0.34
280
UUD1A221MCL1GS
330
8×10
0.24
33
0.17
450
UUD1A331MNL1GS
470
8×10
0.24
47
0.17
450
UUD1A471MNL1GS
680
10×10
0.24
68
0.09
670
UUD1A681MNL1GS
1000
10×10
0.24
100
0.09
670
UUD1A102MNL1GS
16
(1C)
15
4×5.8
0.16
3
1.80
80
UUD1C150MCL1GS
22
5×5.8
0.16
3.52
0.76
150
UUD1C220MCL1GS
27
5×5.8
0.16
4.32
0.76
150
UUD1C270MCL1GS
33
6.3×5.8
0.16
5.28
0.44
230
UUD1C330MCL1GS
47
6.3×5.8
0.16
7.52
0.44
230
UUD1C470MCL1GS
56
6.3×5.8
0.16
8.96
0.44
230
UUD1C560MCL1GS
68
6.3×5.8
0.16
10.88
0.44
230
UUD1C680MCL1GS
100
6.3×5.8
0.16
16
0.44
230
UUD1C101MCL1GS
150
6.3×7.7
0.16
24
0.34
280
UUD1C151MCL1GS
220
6.3×7.7
0.16
35.2
0.34
280
UUD1C221MCL1GS
330
8×10
0.20
52.8
0.17
450
UUD1C331MNL1GS
470
8×10
0.20
75.2
0.17
450
UUD1C471MNL1GS
680
10×10
0.20
108.8
0.09
670
UUD1C681MNL1GS
Dimensions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com