Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9313 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 32Page - Renesas Technology Corp DA9313 Datasheet HTML 33Page - Renesas Technology Corp DA9313 Datasheet HTML 34Page - Renesas Technology Corp DA9313 Datasheet HTML 35Page - Renesas Technology Corp DA9313 Datasheet HTML 36Page - Renesas Technology Corp DA9313 Datasheet HTML 37Page - Renesas Technology Corp DA9313 Datasheet HTML 38Page - Renesas Technology Corp DA9313 Datasheet HTML 39Page - Renesas Technology Corp DA9313 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.6
16-Jun-2023
CFR0011-120-00
36 of 55
© 2023 Renesas Electronics
12.2 I2C Control Bus Protocol
Data are transmitted over the I2C bus in groups of 8 bits. To send a bit the SDA line is driven to the
intended state while the SCL is low (for example, a low on SDA indicates a zero bit). Once the SDA
has settled the SCL line is brought high and then low. This pulse on SCL clocks the SDA bit into the
receivers shift register.
DA9313 uses a two byte serial protocol which contains one byte for the address and one byte for
data. Data and address transfer is based on the MSB transmitted first for both read and write
operations. All transmission begins with the START condition from the master as long as the bus is in
IDLE state (the bus is free). The START condition is defined as a high to low transition at the SDA
line while the SCL is high. The STOP condition is defined as a low to high transition at the SDA line
while the SCL is high.
SCL
SDA
Figure 15: Timing of I2C START and STOP Condition
The I2C bus will be monitored by DA9313 for a valid SLAVE address whenever the interface is
enabled. It responds immediately when it receives its own slave address. This acknowledge is done
by pulling the SDA line low during the following clock cycle (white blocks marked with A in Figure 16
to Figure 20).
The protocol for a register write from master to slave consists of a START condition, a slave address
with read/write bit and the 8-bit register address followed by 8 bits of data terminated by a STOP
condition (all bytes responded to by DA9313 with Acknowledge):
SLAVEadr
W
REGadr
A
DATA
A
P
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
Master to Slave
Slave to Master
7-bits
1-bit
8-bits
8-bits
A
S
Figure 16: I2C Byte Write (SDA Line)
When the host reads data from a register it first has to write access DA9313 with the target register
address and then read access DA9313 with a Repeated START or alternatively a second START
condition. After receiving the data the host sends No Acknowledge and terminates the transmission
with a STOP condition:
S
SLAVEadr W
A
REGadr
A
SLAVEadr
A
S = START condition
A = Acknowledge (low)
Sr = Repeated START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
7-bits
1-bit
8-bits
7-bits
DATA
A
*
Sr
R
1-bit
8-bits
SLAVEadr
A
7-bits
DATA
P
S
R
1-bit
8-bits
P
A
*
Slave to Master
S
SLAVEadr W
A
REGadr
P
7-bits
1-bit
8-bits
A
Figure 17: I2C Byte Read (SDA Line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com