Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9313 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 11Page - Renesas Technology Corp DA9313 Datasheet HTML 12Page - Renesas Technology Corp DA9313 Datasheet HTML 13Page - Renesas Technology Corp DA9313 Datasheet HTML 14Page - Renesas Technology Corp DA9313 Datasheet HTML 15Page - Renesas Technology Corp DA9313 Datasheet HTML 16Page - Renesas Technology Corp DA9313 Datasheet HTML 17Page - Renesas Technology Corp DA9313 Datasheet HTML 18Page - Renesas Technology Corp DA9313 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.6
16-Jun-2023
CFR0011-120-00
15 of 55
© 2023 Renesas Electronics
Parameter
Description
Conditions
Min
Typ
Max
Unit
fSW_PVC
Power voltage converter
switching frequency
Fixed frequency mode
500
kHz
ηpeak
Power converter peak
efficiency
VDD = 7.4 V
fixed frequency mode /
auto. frequency mode
98
%
ηPVC
Power voltage converter
efficiency
VDD = 7.4 V
IOUT = 30 mA to 3 A,
auto. frequency mode
97.5
%
ηPVC
Power voltage converter
efficiency
VDD = 7.4 V
IOUT = 500 mA to 8 A,
fixed frequency mode
IOUT = 10 mA to 5.5 A
auto. frequency mode
95
%
ηPVCMS
Power voltage converter
efficiency (master/slave)
VDD = 7.4 V
IOUT = 1 A to 15 A,
fixed frequency mode
IOUT = 10 mA to 10 A
auto. frequency mode
95
%
IQ_PVC
PVC quiescent current
VDD = 7.4 V
no load
auto. frequency mode
13
µA
Note 1
Effective capacitance must be CFLY
≥ 18 µF @ 5 V, IRMS = 8 A
7.4
VCORE
Table 8: VCORE Characteristics
Unless otherwise noted, the following is valid for TJ = -40 ºC to +125 ºC, VDD = 5 V to 10.5 V
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
VDD = VBAT
5.0
10.5
V
VO_VCORE
Output voltage @
VCORE
4.0
V
IO_VCORE
Max load on VCORE
20
mA
VO_VCORE_ACC
Accuracy of output
voltage at VCORE
-5
+5
%
CO_VCORE
External output
capacitance @
VCORE (Note 1)
Including voltage and
temperature coefficient
2.2
µF
Note 1
Effective external capacitance should be min 0.5
μF, max 1.3 μF and is typically 1.0 μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com