Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD-3DR4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PRD-3DR4
Description  10 to 50 Amp Heavy Duty AC or DC Power Rela
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PRD-3DR4 Datasheet(HTML) 1 Page - Tyco Electronics

  PRD-3DR4 Datasheet HTML 1Page - Tyco Electronics PRD-3DR4 Datasheet HTML 2Page - Tyco Electronics PRD-3DR4 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
811
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 1-07)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
PRD series
10 to 50 Amp Heavy Duty
AC or DC Power Relay
File E22575 (Models With All Screw Terminals)
File E22575 (All Others)
File 15734
6
18
333
6
.86
1600
12
71
169
12
3.2
820
24
288
84
24
12.0
410
48
1150
41.7
120
290
85
110
6050
18.2
240
1200
43
220
Use 110V relay with approx.
480
4500
22
6,000 ohm 5W wire-wound
resistor in series.
DC Coils
AC Coils (50-60Hz.)
Nominal
Resistance
Nominal DC Nominal
DC Resis.
Nominal AC
Volts
In Ohms
Current In
Volts
In Ohms
Current In
±10%@ 25°C
Milliamps
±15%@ 25°C
Milliamps
Features
• Contact ratings to 50 amps.
• Magnetic blowouts available for switching DC loads.
• Arrangements to DPDT.
• SPDT auxiliary switch available.
• Replaces PR series.
Contact Data @ 25°C
Arrangements: Available to 2 Form C (DPDT). See ordering information.
Ratings: See UL contact rating tables.
Minimum Rating: 1A @ 12 VAC/VDC.
Material: Silver and silver-cadmium oxide standard. Other materials
available for special applications.
Expected Life: 100,000 operations at rated loads @25°C. Specific
exceptions are noted in ratings tables. Life increases at
reduced loads or with appropriate arc suppression.
Initial Dielectric Strength
Initial Breakdown Voltage: 2,000V rms minimum between all elements
and ground. (2,200V rms on 600V ratings.)
Coil Data @ 25°C
Voltage: From 6 to 220VDC, and 6 to 480VAC.
Resistance: See coil data table.
Nom. Power: DC coils: 2.0 watts @ 25°C.; AC coils: 9.8VA @ 25°C.
Max Power: DC coils: 8.0 watts @ 25°C.
Duty Cycle: Continuous.
Initial Insulation Resistance: 100 megohms, minimum.
Coil Data
Operate Data @ +25°C
Must-Operate Voltage: DC: 75% of nominal; AC: 85% of nominal.
Environmental Data
Temperature Range:
AC: -55°C to +45°C.; DC: -55°C to +80°C.
Mechanical Data
Mounting: Two .187”(4.75mm) Dia. holes on 1.875” (47.63mm) centers.
Termination: See ordering information tables for various options.
Enclosure: Metal dust cover, 35D013, available. Order separately.
Weight: 10 oz. (284g) approximately.
Auxiliary Snap-Action Switch
Arrangements: 1 Form C (SPDT).
Rating: 5 amps at 120VAC, 60 Hz. @ 25°C.
Material: Silver.
Users should thoroughly review the technical data before selecting a product
part number. It is recommended that users also seek out the pertinent approvals
files of the agencies/laboratories and review them to ensure the product meets
the requirements for a given application.
PRD-1, 3 or 5
Y
25 amps @ 277VAC
1 HP at 120VAC
2 HP at 250VAC
10 amps at 600VAC
7 amps at 50VDC Res.
PRD-1, 3 or 5
G
30 amps at 277VAC Res.
1.5 HP at 120VAC
2HP at 250VAC
10 amp at 600VAC
PRD-1, 3 or 5
F
50 amps at 240VAC Gen. Purp. (20,000 Ops.)
30 amps at 277VAC Res.
1.5 HP at 120VAC
2HP at 250VAC
10 amp at 600VAC
PRD-7 or 11
Y
25 amps at 240VAC
20 amps at 277VAC
1 HP at 120VAC
2 HP at 250VAC
7 amps at 50VDC Res.
10 amps at 600VAC
PRD-7 or 11
G
30 amps at 240VAC
20 amps at 277VAC
1.5 HP at 120VAC
2 HP at 250VAC
10 amps at 600VAC
PRD-7 or 11
F
50 amps at 240VAC Gen. Purp. (20,000 Ops.)
30 amps at 240VAC
20 amps at 277VAC
1.5 HP at 120VAC
2 HP at 250VAC
10 amps at 600VAC
PRD-3, 7 or 11
H or J
20 amp at 125VDC
1/3 HP at 125VDC
PRD-1, 5, 7 or 11
N
25 amp at 250VAC
1 HP at 125VAC
2 HP at 250VAC
Type
Contact Code
Contact Ratings
UL/CSA Contact Ratings
Models with Screws or Quick Connects as Main Terminals
PRD-3AP4
P
50 amps at 277VAC, Gen. Purp.
PRD-3DP4
30 amps at 277VAC, Ballast (6,000 Ops.)
15 amps at 277VAC, Tungsten (6,000 Ops.)
102LRA, 17FLA at 240VAC (30,000 Ops.)
120LRA, 20FLA at 120VAC (30,000 Ops.)
1.5 HP at 120VAC (30,000 Ops.)
3 HP at 240VAC (30,000 Ops.)
Type
Contact Code
Contact Ratings
UL Contact Ratings
Models with Box Lugs as Main Terminals
PRD-3AR4
R
60 amps at 28VDC Res.
PRD-3DR4
30 amps at 125VDC
Type
Contact Code
Contact Ratings
DC Factory Contact Ratings
Models with Box Lugs as Main Terminals
Note: Any PRD relay deviating electrically or physically from the standard models in the table is
not UL or CSA listed. All horsepower ratings are for single phase motors.
Note: Any PRD relay deviating electrically or physically from the standard models in the table is
not UL or CSA listed. All horsepower ratings are for single phase motors.
Note: Any PRD relay deviating electrically or physically from the standard models in the table is
not UL or CSA listed. All horsepower ratings are for single phase motors.
Note: Any PRD relay deviating electrically or physically from the standard models in the table is
not UL or CSA listed. All horsepower ratings are for single phase motors.


Similar Part No. - PRD-3DR4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PRD-3DH0-24 MACOM-PRD-3DH0-24 Datasheet
824Kb / 4P
PRD Series Power Relay
logo
TE Connectivity Ltd
PRD-3DH0-24 TEC-PRD-3DH0-24 Datasheet
411Kb / 4P
PRD Series Power Relay
06-2015, Rev. 0615
logo
Tyco Electronics
PRD-3DY0-110 MACOM-PRD-3DY0-110 Datasheet
824Kb / 4P
PRD Series Power Relay
logo
TE Connectivity Ltd
PRD-3DY0-110 TEC-PRD-3DY0-110 Datasheet
411Kb / 4P
PRD Series Power Relay
06-2015, Rev. 0615
logo
Tyco Electronics
PRD-3DY0-12 MACOM-PRD-3DY0-12 Datasheet
824Kb / 4P
PRD Series Power Relay
More results

Similar Description - PRD-3DR4

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC739 PICKER-PC739 Datasheet
310Kb / 4P
Heavy Duty Power Relay
logo
American Zettler, Inc.
AZ900 AZETTLER-AZ900 Datasheet
364Kb / 2P
30 AMP HEAVY DUTY POWER RELAY
logo
Tyco Electronics
2-1393143-0 MACOM-2-1393143-0 Datasheet
125Kb / 2P
General Purpose 3 to 10 Amp, Multicontact AC or DC Relay
logo
Omron Electronics LLC
MGN2A-AC24 OMRON-MGN2A-AC24 Datasheet
332Kb / 4P
30 Amp Heavy Duty Relay
logo
Hammond Manufacturing L...
1584-S HAMMOND-1584-S Datasheet
71Kb / 2P
15 Amp Heavy Duty Surge Strip
logo
List of Unclassifed Man...
PR10 ETC2-PR10 Datasheet
479Kb / 3P
10-Amp DC Power Supply - Precision Regulated AC-to-DC Conversi
PR50 ETC2-PR50 Datasheet
480Kb / 3P
50-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
logo
Tripp Lite. All Rights ...
P070010 TRIPPLITE-P070010 Datasheet
480Kb / 2P
Heavy-Duty Power Extension Cord, 16A (IEC309 to C19), 10-ft
logo
OEN India Limited
OEN53H OENINDIA-OEN53H Datasheet
462Kb / 2P
HEAVY DUTY POWER RELAY
OEN63 OENINDIA-OEN63 Datasheet
326Kb / 1P
HEAVY DUTY POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com