Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD-3DR4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PRD-3DR4
Description  10 to 50 Amp Heavy Duty AC or DC Power Rela
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PRD-3DR4 Datasheet(HTML) 2 Page - Tyco Electronics

  PRD-3DR4 Datasheet HTML 1Page - Tyco Electronics PRD-3DR4 Datasheet HTML 2Page - Tyco Electronics PRD-3DR4 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
812
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 1-07)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Stock Items - The following items are normally maintained in stock for immediate delivery.
No models in the PRD-3AP / PRD-3DP series are maintained in stock.
Typical Part No.
B
B
PRD
-3
A
P
4
-120
1. Type:
PRD = Open power relay.
2. Main Contact Arrangement:
3 = 1 Form X (SPST-NO-DM)
3. Coil Input:
A = AC, 50/60 Hz.
D = DC
4. Main Contact Material:
P = 50 amp, silver.
R = 50 amp, silver with magnetic blow out.
5. Termination:
4 = Main — boxlug terminals which accept #6-#14 wire.
Coil — #6-32 screw terminals.
6. Coil Voltage:
12, 24, 48, 110, 125VDC
24, 120, 240, 277, 480VAC, 50/60 Hz.
PRD-3AG0-120
PRD-3AJ3-24
PRD-3AY0-120
PRD-3DY0-12
PRD-3DY0-24
PRD-5DF0-12
PRD-5AY0-24
PRD-5AY0-120
PRD-5AY1-120
PRD-5AY0-240
PRD-5DY0-12
PRD-5DY0-24
PRD-7AG0-120
PRD-7AY0-24
PRD-7AY0-120
PRD-7AY0-240
PRD-7AY3-120
PRD-7DG0-24
PRD-7DY0-12
PRD-7DY0-24
PRD-11AF0-240
PRD-11AG0-24
PRD-11AG0-120
PRD-11AG0-240
PRD-11AH0-120
PRD-11AY0-24
PRD-11AY0-120
PRD-11AY0-240
PRD-11AY0-480
PRD-11DF0-12
PRD-11DF0-110
RD-11DG0-12
PRD-11DG0-24
PRD-11DH0-12
PRD-11DH0-24
PRD-11DH0-110
PRD-11DJ0-24
PRD-11DY0-12
PRD-11DY0-24
PRD-11DY0-110
PRDA-11AGA-120
PRDA-11AYA-120
Stock Items – The following items are normally maintained in stock for immediate delivery.
Typical Part No.
B
B
PRD
-7
A
Y
0
-120
1. Type:
PRD = Open relay.
PRDA = Open relay with aux. SPDT snap-action switch.
2. Main Contact Arrangement:
1 = SPST-NO
7 = DPST-NO
3 = SPST-NO-DM
7V = DPST-NO with 3mm contact gap
5 = SPDT
11=DPDT
3. Coil Input:
A = 50/60 Hz.
D = DC
4. Main Contact Material:
Y = .312” (7.92mm) dia. silver. [25A max. rating]
G = .312” (7.92mm) dia. silver cad.-oxide. [30A max. rating]
F = .312” (7.92mm) dia. silver cad.-oxide. [50A max. rating]
†H = Silver w/magnetic blow out. [20A DC max. rating]
†J = Silver cad.-oxide w/magnetic blow out. [20A DC max. rating]
N = Tungsten stationary & silver cad.-oxide movable. [25A max. rating] Code 1, 5, 7 & 11 only.
†Available with Code 3, 7& 11 contact arrangement only.
5.Termination:
PRD
PRDA (With Aux. SPDT Snap-Action Switch)
CODE
0
1
3
A
B
L
MAIN
#8-32 Screw Term.
.250” (6.35mm) QC
#8-32 Screw Term.
#8-32 Screw Term.
.250” (6.35mm) QC
Twin .250” (6.35mm) QC
COIL
6-32 Screw Term.
.250” (6.35mm) QC
.250” (6.35mm) QC
#6-32 Screw Term.
.250” (6.35mm) QC
.250” (6.35mm) QC
AUX. SWITCH
Screw Term.
.250” (6.35mm) QC
.250” (6.35mm) QC
6. Coil Voltage:
6, 12, 24, 48, 110VDC
6, 12, 24, 120, 240, 480VAC, 50/60 Hz. Coil voltages are available to 125VDC and 600VAC.
Ordering Information for 50A Models with Box Lugs for Main Terminals
Ordering Information for Models with Screws or Quick Connects for Main Terminals
Note: All part numbers are RoHS compliant.
Note: All part numbers are RoHS compliant.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com