Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R43 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # FT-R43
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R43 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  FT-R43 Datasheet HTML 1Page - Panasonic Semiconductor FT-R43 Datasheet HTML 2Page - Panasonic Semiconductor FT-R43 Datasheet HTML 3Page - Panasonic Semiconductor FT-R43 Datasheet HTML 4Page - Panasonic Semiconductor FT-R43 Datasheet HTML 5Page - Panasonic Semiconductor FT-R43 Datasheet HTML 6Page - Panasonic Semiconductor FT-R43 Datasheet HTML 7Page - Panasonic Semiconductor FT-R43 Datasheet HTML 8Page - Panasonic Semiconductor FT-R43 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Digital Fiber Sensor
FX-410 SERIES
168
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
LIGHT CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY CONSUMPTION
VISUALIZATION
COMPONENTS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Excellent workability and ease of maintenance
Connector type
Large endless adjuster
New concept
Standard screwdrivers can be used to turn the adjuster as well
as precision screwdrivers. In addition, an “endless” mechanism
is used which eliminates the possibility of any damage being
caused by turning the adjuster too far.
FX-412 can be turned by finger! New concept
The adjuster can be turned directly by finger, without the
need for a screwdriver.
Everyday-use
screwdriver is OK
Beam power greatly increased to give strong performance
under adverse environments
Red LED type
The beam power has been greatly increased. This
means a longer sensing distance and less trouble from
problems such as dust. These sensors have ample
performance for workplace needs.
(for U-LG mode)
1,550 mm
61.024 in
1,100 mm
43.307 in
FX-411
Previous
models
* For
FT-42 thru-beam type fiber
1.4 times
previous
models
Improved stability over both long and short terms Red LED type
The red LED type sensors have a “four-chemical emitting
element” which maintains stability of light emissions for
long-term operation. Furthermore, all models have an “APC
(Auto Power Control) circuit” which improves stability at
times such as when the power is turned on. These features
improve overall stability compared to previous models.
Stable sensing comparison
Three-chemical
emitting element,
Without APC
FX-411 (Red LED type)
Time
Long-term stability
Short-term stability
Deviation
Three types are available, with red, blue and green light
Different sensors can be selected to suit the application.
:Red LED type
:Blue LED type
:Green LED type
Back-
ground color
Mark
color
White
Yellow
Orange
Red
Green
Blue
Black
Yellow Orange
Red
Green
Blue
Black
White
Color combinations that can be discerned during mark sensing
The same quick-connection cable that is
used for sensors such as the
FX-300 series
of digital fiber sensors is used. This means
that they can be used together with other
types of sensors such as laser sensors, and
the number of power supply cables can be
reduced.
Asingle output line is used, so that wiring can be greatly reduced and space savings can be obtained.
Main cable
Sub cable
Laser sensor
LS-401
Fiber sensor
FX-411B
Fiber sensor
FX-411G
Fiber sensor
FX-411
Power
supply
cable
Output line 1 Output line 2
Output line 3
Output line 16
Sub cable
CN-71-C
Main cable
CN-73-C
Quick-connection cables can
be used for power supply
cascade wiring.
Both main and sub units utilize
the same amplifier body.
Up to a maximum 16 sensors can be connected together
The sensors can be connected together with other
sensors such as the
FX-300 series of digital fiber
sensors and the
GA-311 of inductive proximity
sensors. In addition, the
SC series of sensor PLC
connection units with MIL connector compatibility can
also be used to further reduce the amount of wiring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com