Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R43 Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part # FT-R43
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R43 Datasheet(HTML) 16 Page - Panasonic Semiconductor

Back Button FT-R43 Datasheet HTML 8Page - Panasonic Semiconductor FT-R43 Datasheet HTML 9Page - Panasonic Semiconductor FT-R43 Datasheet HTML 10Page - Panasonic Semiconductor FT-R43 Datasheet HTML 11Page - Panasonic Semiconductor FT-R43 Datasheet HTML 12Page - Panasonic Semiconductor FT-R43 Datasheet HTML 13Page - Panasonic Semiconductor FT-R43 Datasheet HTML 14Page - Panasonic Semiconductor FT-R43 Datasheet HTML 15Page - Panasonic Semiconductor FT-R43 Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Digital Fiber Sensor
FX-410 SERIES
182
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
DIMENSIONS (Unit: mm in)
The CAD data in the dimensions can be downloaded from our website.
Amplifier
FX-411□ FX-411□P
1.3 0.051
13.5
0.531
Beam-
emitting
part
Beam-
receiving
part
Suitable for 35 mm
1.378 in width DIN rail
10
0.394
7
0.276
3.95 0.156
10.5
0.413
7 0.276
7 0.276
Communication
window
3
0.118
3
0.118
3
0.118
1.8 0.071
1.3 0.051
Setting switch
Threshold value adjuster
27.8
1.094
64.5
2.539
30.5
1.201
36.5
1.437
Operation indicator
(Orange)
Stability indicator
(Green)
Digital display (Red, Green)
Operation
mode switch
60.3 2.374
48.2 1.898
24.8 0.976
57.9 2.280
2.5
0.098
8.3
0.327
Amplifier
FX-412□
2.5
0.098
1.3 0.051
60.3 2.374
57.9 2.280
48.2 1.898
24.8 0.976
8.3
0.327
Setting switch
Operation
mode switch
Threshold value adjuster
Operation indicator
(Orange)
1.3 0.051
1.8 0.071
Digital display (Red, Green)
7
0.276
27.8
1.094
3.95 0.156
10.5
0.413
13.5
0.531
3
0.118
30.5
1.201
64.5
2.539
36.5
1.437
34
1.339
10
0.394
7 0.276
7 0.276
Stability indicator
(Green)
Suitable for 35 mm
1.378 in width DIN rail
Communication
window
3
0.118
3
0.118
Beam-
emitting
part
Beam-
receiving
part
CN-73-C1 CN-73-C2 CN-73-C5
Main cable (Optional)
2.65
0.104
2.54
0.100
2.54
0.100
0.2
0.008
14
0.551
L
ø3.3 ø0.130 cable
10.5
0.413
7
0.276
13.6
0.535
10
0.394
7.2
0.283
3
0.118
2.9
0.114
10 0.394
6
0.236
• Length L
Model No.
Length L
CN-73-C1
1,000 39.370
CN-73-C2
2,000 78.740
CN-73-C5
5,000 196.850
• Length L
Model No.
Length L
CN-71-C1
1,000 39.370
CN-71-C2
2,000 78.740
CN-71-C5
5,000 196.850
0.2
0.008
2.65
0.104
2.54
0.100
2.54
0.100
14
0.551
7.2
0.283
3
0.118
2.9
0.114
10 0.394
6
0.236
10.5
0.413
L
ø3.3 ø0.130 cable
7
0.276
13.6
0.535
10
0.394
CN-71-C1 CN-71-C2 CN-71-C5
Sub cable (Optional)
Amplifier mounting bracket (Optional)
MS-DIN-2
2-ø3.2 ø0.126 holes
2
0.079
t 1
t 0.039
0.4
0.016
7.5
0.295 4.2 0.165
2
0.079
ø1.8
ø0.071
35
1.378
27
1.063
3.2
0.126
5.2
0.205
8.5
0.335
5.2
0.205
3.2
0.126
5
0.197
21.6 0.850
16 0.630
10
0.394
Material: Cold rolled carbon steel (SPCC) (Uni-chrome plated)
End plate (Optional)
MS-DIN-E
2.75
0.108
60
2.362
24.7
0.972
5.6
0.220
3
0.118
M3 (length 18 mm 0.709 in) pan head screws
M3 square nut
1.6
0.063
32
1.260
15
0.591
3
0.118
4
0.157
Suitable for 35 mm
1.378 in width DIN rail
Material: Polycarbonate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com