Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUB3 Datasheet(PDF) 7 Page - Red Lion Controls. Inc

Part # CUB3
Description  Award-winning solutions from the number one brand in the industry
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB3 Datasheet(HTML) 7 Page - Red Lion Controls. Inc

  CUB3 Datasheet HTML 1Page - Red Lion Controls. Inc CUB3 Datasheet HTML 2Page - Red Lion Controls. Inc CUB3 Datasheet HTML 3Page - Red Lion Controls. Inc CUB3 Datasheet HTML 4Page - Red Lion Controls. Inc CUB3 Datasheet HTML 5Page - Red Lion Controls. Inc CUB3 Datasheet HTML 6Page - Red Lion Controls. Inc CUB3 Datasheet HTML 7Page - Red Lion Controls. Inc CUB3 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ANALOG Applications
CUB5
PAX Lite
T48/P48
PAX/PAX2
Large Displays
AC Current
N/A
PAXLIA00, PAXLIT00
N/A
PAXH0000
LPAX/EPAX
AC Voltage
N/A
PAXLVA00, PAXLHV00
N/A
PAXH0000
LPAX/EPAX
DC Current
CUB5IR00, CUB5IB00
PAXLID00, PAXLA000
N/A
PAXD0000 PAX2A000,
LD Series, LPAX/EPAX
DC Voltage
CUB5VR00, CUB5VB00
PAXLVD00, PAXLA000
N/A
PAXD0000, PAX2A000
LD Series, LPAX/EPAX
Process Signals
CUB5PR00, CUB5PB00
PAXLCL00, PAXLA000
N/A
PAXP0000, PAX2A000
LD Series, LPAX/EPAX
Temperature, RTD/Thermocouple
CUB5RTR0, CUB5RTB0
CUB5TCR0, CUB5TCB0
PAXLRT00, PAXLT000
N/A
PAXT0000, PAX2A000
LPAX/EPAX
Strain Gage/Load Cells
N/A
PAXLSG00
N/A
PAXS0000
LPAX/EPAX
PID Controller
N/A
N/A
T48/P48 Series
PX2A8H00, PX2A8V00
N/A
Advanced Control & Indication
CUB7
Miniature 1/32 DIN
PAX Lite
1/8 DIN Meter
CUB5
Miniature Intelligent Meter
C48C/C48T
Miniature 1/16 DIN
LD
Large Displays
PAX
1/8 DIN Intelligent Meter
PAX2 Dual Line
1/8 DIN Intelligent Meter
PAX2C Dual Line
1/8 DIN Intelligent Meter
LPAX/EPAX
Large Displays
T48/P48
Miniature 1/16 DIN
Display Type
8-Digit Reflective, Red,
or Green Backlight LCD,
0.35” (9 mm)
5- to 8-Digit Red LED Display
0.56” (14 mm)
5- or 8-Digit Reflective or Red/
Green Backlight LCD, 0.46” (12
mm)
6-Digit Reflective or Red/
Green Backlight LCD,
0.3” (7.6 mm)/0.2”
(5 mm)
5- and 6-Digit 2.25” (57 mm) or 4” (101
mm) Red LED Display
5- or 6-Digit Red or Green LED Display
0.56” (14 mm)
Line 1 - Backlight 6-Digit, 0.71” (18mm)
Red/Orange/Green LCD Display
Line 2 - Backlight 9-Digit, 0.35” (8.9 mm)
Green LCD Display
Vertical and Horizontal units with
Red/Orange/Green LCD Display
Vertical: Line 1 - 0.51” (13 mm),
Line 2 - 0.44” (11.2 mm)
Horizontal: Line 1 - 0.62” (15.7 mm),
Line 2 - 0.47” (12 mm)
5- and 6-Digit 1.5” (38 mm) or
4” (101 mm) Red LED Display
4-Digit Dual Line Red/Green LED Display
0.4” (10.2 mm)/0.3” (7.6 mm)
Dimension (W x H)
2” x 1.1” (51 x 28 mm)
3.80” x 1.95” (97 x 50 mm)
2.95” x 1.5” (75 x 38 mm)
1.95” x 1.95” (50 x
50 mm)
12” x 4” (304 x 101 mm) or 16” x 4” (406
x 101 mm) or 20” x 7.87” (508 x 200 mm)
or 26” x 7.87” (660 x 200 mm)
3.80” x 1.95” (97 x 50 mm)
3.80” x 1.95” (97 x 50 mm)
3.80”x 1.95”(97 x 50 mm) - Horizontal
1.95”x3.80”(50x97mm) - Vertical
10” x 4.75” (254 x 121 mm) or 24.77” x
7.2” (629 x 183 mm)
1.95”x1.95”(50x50mm)
Input Capability
Count and Time
Count, Rate, Time, Current,
Voltage, Process, Strain Gage &
Temperature
Count, Rate, Time, Current, Voltage,
Process and Temperature
Count or Time
Count, Rate, Time, Current, Voltage,
Process and Serial Slave
Count, Rate, Time, Current, Voltage,
Process, Strain Gage and Temperature
Current, Voltage, Process, Resistance,
and Temperature
Full PID Control for Process and
Temperature
Count, Rate, Time, Current, Voltage,
Process, Strain Gage and Temperature
(INRT Module Sold Separately)
Full PID Control for
Temperature or Process
Setpoint Capability
N/A
Dual Outputs (Some Models)
Single or Dual Outputs*
Single, Dual & Triple
Outputs
Single or Dual Outputs
Dual or Quad Outputs*
Dual or Quad Outputs*
Dual or Quad Outputs*
Dual or Quad Outputs*
Single, Dual & Triple Outputs
Retransmitted Analog
N/A
N/A
N/A
N/A
N/A
Yes*
Yes*
Yes*
Yes*
Yes
Power Source
Lithium Battery, 9 to 28 VDC
for Backlighting
85 to 250 VAC
9 to 28 VDC
85 to 250 VAC or 18 to
36 VDC/24 VAC
Universal Power, 50 to 250 VAC and 22
to 250 VDC
85 to 250 VAC or 11 to 36 VDC
Universal Power, 50 to 250 VAC and 22
to 250 VDC
Universal Power, 50 to 250 VAC and 22
to 250 VDC
85 to 250 VAC or 11 to 36 VDC
85 to 250 VAC or 18 to 36 VDC/24 VAC
Sensor Excitation
N/A
Yes
N/A
Yes*
Yes
Yes
Yes
Yes
Yes
N/A
Other Features
Front Panel Reset or
Remote Reset
Custom Units Overlay for Analog
Meters
2 Option Card Slots. Front Panel Reset
or Remote Reset
N/A
N/A
Custom Units Overlay for Analog Meters,
3 Option Card Slots
Custom Programmable Mnemonics, 3
Option Card Slots,
Custom Programmable Mnemonics 3
Option Card Slots
USB Programming Card, 3 Option Card
Slots
N/A
Communications Capability
N/A
N/A
Yes*
Yes
Yes
Yes*
Yes*
Yes*
Yes*
Yes
NEMA 4X/IP65
Front Panel
Front Panel
Front Panel
Front Panel
Sealed Case
Front Panel
Front Panel
Front Panel
Front Panel
Front Panel
7
Learn more at www.redlion.net.
Call +1 (717) 767-6511 to speak to a representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com