Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUB3 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # CUB3
Description  Award-winning solutions from the number one brand in the industry
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB3 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  CUB3 Datasheet HTML 1Page - Red Lion Controls. Inc CUB3 Datasheet HTML 2Page - Red Lion Controls. Inc CUB3 Datasheet HTML 3Page - Red Lion Controls. Inc CUB3 Datasheet HTML 4Page - Red Lion Controls. Inc CUB3 Datasheet HTML 5Page - Red Lion Controls. Inc CUB3 Datasheet HTML 6Page - Red Lion Controls. Inc CUB3 Datasheet HTML 7Page - Red Lion Controls. Inc CUB3 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Why do users prefer
Red Lion meters?
Red Lion has more high quality
solutions for your digital and analog
panel meter requirements than any
other supplier, with a wider range of
models, sizes and capabilities—from
our indicators to the versatile CUB5
and PAX process meters that let you
add or change capabilities with plug-
and-play, field-installable cards. Red
Lion’s free Crimson software offers
flexibility, powerful capabilities and
intuitive ease. Combine the widest
selection with our unmatched quality,
speed of delivery and world-class
technical support, and you’ll
understand why, when the world
thinks of panel meters, it thinks of
Red Lion.
> Widest range of products
in the industry
> Field-installable option cards
> Easy-to-use Crimson software
> Superior quality
> Best delivery
> Unmatched technical support
> Leading Brand*
CUB®3
General purpose, miniature indicator with
6-digit, 0.2" LCD. Low 3 VDC operating power
supplied via internal lithium battery. Reliable
integrated circuitry, embedded in a single
monolithic, silicon microchip. 1" X 2" snap-in
mounting.
CUB7
Dedicated function 8-digit miniature displays
with large 0.35" high backlit LCD. Low
voltage and high voltage models. Standard
wire connections or optional plug-in terminal
blocks. Internal lithium battery. Remote reset;
NEMA 4X/IP65.
CUB5
Flexible functionality in a miniature 38 mm x 75
mm package. Field-installable option cards for
setpoint and communications. 9 to 28 VDC
powered with backlit 0.46" high LCD; NEMA
4X/IP65.
PAX® Lite
1/8 DIN meters for dedicated applications.
Simple field setup and easy programming.
0.56" LED display; NEMA 4X/IP65.
Indication
Low cost, general purpose counters and timers with dedicated functionality
and legendary Red Lion quality.
Control and Indication
Workhorse panel meters offering versatility and functionality with models available for
measuring count, rate, time, voltage, current, temperature, process and strain gage.
Red Lion panel meters. The most solutions. The #1 brand.
Advanced Control
and Indication
Includes all of the features of the
Control and Indication products
listed above, plus field-upgradeable
option cards for advanced
communications and output
capabilities.
PAX
A versatile 1/8 DIN meter. Add up to 3 field-upgradeable
option cards for dual and quad setpoint, retransmitted
analog output, RS232, RS485, Modbus, Profibus and
DeviceNet™ communications; dual count, dual rate,
and dual process meters available; NEMA 4X/IP65.
PAX2
All the features of the PAX with a dual line display
and increased update rates. The main display can
be programmed for red, orange, or green; while the
bottom display is green.
* For 14 consecutive years the readers of
Control Design Magazine have voted
Red Lion the number one panel meter
manufacturer in the industry.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com