Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAXUSB00 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  1/8 DIN DIGITAL INPUT PANEL METERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  PAXUSB00 Datasheet HTML 1Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 2Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 3Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 4Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 5Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 6Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 7Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 8Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
general meTer speCifiCaTiOns
1. DISPLAY: 6 digit, 0.56" (14.2 mm) red sunlight readable or standard green
LED
2. POWER:
AC Versions:
AC Power: 85 to 250 VAC, 50/60 Hz, 18 VA
Isolation: 2300 Vrms for 1 min. to all inputs and outputs. (300 V working)
DC Versions:
DC Power: 11 to 36 VDC, 14 W
(derate operating temperature to 40° C if operating <15 VDC and three
plug-in option cards are installed)
AC Power: 24 VAC, ± 10%, 50/60 Hz, 15 VA
Isolation: 500 Vrms for 1 min. to all inputs and outputs (50 V working).
3. SENSOR POWER: 12 VDC, ±10%, 100 mA max. Short circuit protected
4. KEYPAD: 3 programmable function keys, 5 keys total
5. USER INPUTS: Three programmable user inputs
Max. Continuous Input: 30 VDC
Isolation To Sensor Input Commons: Not isolated
Logic State: Jumper selectable for sink/source logic
Response Time: 6 msec. typical; function dependent. Certain resets, stores
and inhibits respond within 25 µsec if an edge occurs with the associated
counter or within 6 msec if no count edge occurs with the associated
counter. These functions include , , , ,

, , and . Once activated, all functions are latched for
50 msec min. to 100 msec max. After that period, another edge/level may
be recognized.
6. MEMORY: Nonvolatile memory retains all programmable parameters and
display values when power is removed.
7. CERTIFICATIONS AND COMPLIANCES:
SAFETY
UL Recognized Component, File #E179259, UL61010A-1, CSA C22.2
No. 61010-1
Recognized to U.S. and Canadian requirements under the Component
Recognition Program of Underwriters Laboratories, Inc.
UL Listed, File #E137808, UL508, CSA C22.2 No. 14-M95
LISTED by Und. Lab. Inc. to U.S. and Canadian safety standards
Type 4X Enclosure rating (Face only), UL50
IEC 61010-1, EN 61010-1: Safety requirements for electrical equipment
for measurement, control, and laboratory use, Part 1.
IP65 Enclosure rating (Face only), IEC 529
IP20 Enclosure rating (Rear of unit), IEC 529
ELECTROMAGNETIC COMPATIBILITY
Emissions and Immunity to EN 61326:2006: Electrical Equipment for
Measurement, Control and Laboratory use.
Immunity to Industrial Locations:
Electrostatic discharge
EN 61000-4-2 Criterion A
4 kV contact discharge
8 kV air discharge
Electromagnetic RF fields EN 61000-4-3 Criterion A
10 V/m (80 MHz to 1 GHz)
3 V/m (1.4 GHz to 2 GHz)
1 V/m (2 GHz to 2.7 GHz)
Fast transients (burst)
EN 61000-4-4 Criterion A
2 kV power
1 kV I/O signal
2 kV I/O signal connected
to power
Surge
EN 61000-4-5 Criterion A
power 1 kV L to L, 2 kV L to G
signal 1 kV
RF conducted interference EN 61000-4-6 Criterion A
3 Vrms
Power freq magnetic fields EN 61000-4-8 Criterion A
30 A/m
AC power
EN 61000-4-11
Voltage dip
Criterion A
0% during 1 cycle
40% during 10/12 cycle
70% during 25/30 cycle
Short interruptions
Criterion C
0% during 250/300 cycles
Emissions:
Emissions
EN 55011
Class A
Notes:
1. Criterion A: Normal operation within specified limits.
2. Criterion C: Temporary loss of function where system reset occurs.
Refer to EMC Installation Guidelines section of the bulletin for additional
information.
8. ENVIRONMENTAL CONDITIONS:
Operating Temperature Range: 0 to 50°C (0 to 45°C with all three plug-in
cards installed)
Storage Temperature Range: -40 to 60°C
Operating and Storage Humidity: 0 to 85% max. relative humidity non-
condensing
Vibration According to IEC 68-2-6: Operational 5 to 150 Hz, in X, Y, Z
direction for 1.5 hours, 2 g.
Shock According to IEC 68-2-27: Operational 25 g (10 g relay), 11 msec in 3
directions.
Altitude: Up to 2000 meters
9. CONNECTIONS: High compression cage-clamp terminal block
Wire Strip Length: 0.3" (7.5 mm)
Wire Gage: 30-14 AWG copper wire
Torque: 4.5 inch-lbs (0.51 N-m) max.
10. CONSTRUCTION: This unit is rated for NEMA 4X/IP65 outdoor use.
IP20 Touch safe. Installation Category II, Pollution Degree 2. One piece
bezel/case. Flame resistant. Synthetic rubber keypad. Panel gasket and
mounting clip included.
11. WEIGHT: 10.1 oz. (286 g)
VIN > 2.4 VDC
VIN < 0.9 VDC
Inactive
VIN < 0.9 VDC
VIN > 2.4 VDC
Active
SINKING INPUTS
5.1 KΩ pull-up to +12 V
SOURCING INPUTS
5.1 KΩ pull-down
INPUT STATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com