Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAXUSB00 Datasheet(PDF) 4 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  1/8 DIN DIGITAL INPUT PANEL METERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 4 Page - Red Lion Controls. Inc

  PAXUSB00 Datasheet HTML 1Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 2Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 3Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 4Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 5Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 6Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 7Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 8Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
mOdel paXC - 1/8 din COunTer
ANNUNCIATORS:
A - Counter A
B - Counter B
C - Counter C

- Upper significant digit display of counter
SP1 - setpoint 1 output state
SP2 - setpoint 2 output state
SP3 - setpoint 3 output state
SP4 - setpoint 4 output state
COUNTER DISPLAYS:
Maximum display: 8 digits: ± 99999999 (greater than 6 digits, display
alternates between high order and low order.)
INPUTS A and B:
DIP switch selectable to accept pulses from a variety of sources including
switch contacts, TTL outputs, magnetic pickups and all standard RLC
sensors.
LOGIC: Input trigger levels VIL = 1.5 V max.; VIH = 3.75 V min.
Current sinking: Internal 7.8 KΩ pull-up to +12 VDC, IMAX = 1.9 mA.
Current sourcing: Internal 3.9 KΩ pull-down, 7.3 mA max. @ 28 VDC,
VMAX = 30 VDC.
Filter: Damping capacitor provided for switch contact bounce. Limits
input frequency to 50 Hz and input pulse widths to 10 msec. minimum.
DUAL COUNT MODES:
When any dual count mode is used, then User Inputs 1 and/or 2 will
accept the second signal of each signal pair. The user inputs do not have
the Logic/Mag, HI/LO Freq, and Sink/Source input setup switches. The
user inputs are inherently a logic input with no low frequency filtering.
Any mechanical contacts used for these inputs in a dual count mode
must be debounced externally. The user input may only be selected for
sink/source by the User Jumper placement.
mOdel paXr - 1/8 din raTe meTer
PAXR SPECIFICATIONS
ANNUNCIATORS:
- Rate
- Maximum (High) Rate
- Minimum (Low) Rate
SP1 - setpoint 1 output state
SP2 - setpoint 2 output state
SP3 - setpoint 3 output state
SP4 - setpoint 4 output state
RATE DISPLAY:
Accuracy: ±0.01%
Minimum Frequency: 0.01 Hz
Maximum Frequency: 34 KHz
Maximum Display: 5 Digits: 99999
Adjustable Display (low) Update: 0.1 to 99.9 seconds
Over Range Display: “ ”
INPUT A:
DIP switch selectable to accept pulses from a variety of sources including
TTL outputs, magnetic pickups and all standard RLC sensors.
LOGIC: Input trigger levels VIL = 1.5 V max.; VIH = 3.75 V min.
Current sinking: Internal 7.8 KΩ pull-up to +12 VDC, IMAX = 1.9 mA.
Current sourcing: Internal 3.9 KΩ pull-down, 7.3 mA max. @ 28 VDC,
VMAX = 30 VDC.
MAGNETIC PICKUP:
Sensitivity: 200 mV peak
Hysteresis: 100 mV
Input impedance: 3.9 KΩ @ 60 Hz
Maximum input voltage: ±40 V peak, 30 Vrms
6-DIGIT LED DISPLAY (Alternating 8 digits for counting)
DUAL COUNT QUAD INPUTS
UP TO 3 COUNT DISPLAYS
SETPOINT ALARM OUTPUTS (W/Plug-in card)
5-DIGIT LED DISPLAY
RATE INDICATION
MINIMUM/MAXIMUM RATE DISPLAYS
SETPOINT ALARM OUTPUTS (W/Plug-in card)
PAXC SPECIFICATIONS
MAXIMUM SIGNAL FREQUENCIES:
To determine the maximum frequency for the input(s), first answer the
questions with a yes (Y) or no (N). Next determine the Count Mode to be
used for the counter(s). If dual counters are used with different Count Modes,
then the lowest frequency applies to both counters.
Notes:
1. Counter Modes are explained in the Module 1 programming section.
2. Listed values are with frequency DIP switch set on HI frequency.
FUNCTION QUESTIONS
Dual: Counter A & B
Single: Counter A or B
Are any setpoints used?
N
N
Y
Y
N
N
Y
Y
Is Counter C used?
N
Y
N
Y
N
Y
N
Y
COUNT MODE
(Values are in KHz)
(Values are in KHz)
Count x1
34
25
18
15
13 12
9
7.5
Count x2
17
13
9
7
9
7
5
4
Quadrature x1
22
19
12
10
7
6
4
3.5
Quadrature x2
17
13
9
7
7
6
4
3.5
Quadrature x4
8
6
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com