Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2 Datasheet(PDF) 1 Page - TUK Ltd

Part # PS2
Description  Strain Relief Over Boots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

PS2 Datasheet(HTML) 1 Page - TUK Ltd

  PS2 Datasheet HTML 1Page - TUK Ltd PS2 Datasheet HTML 2Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Strain Relief Over Boots
Strain Relief Over Boots (PS2* + PS2*6)
Features
•
Designed to minimise excessive strain on the connection
•
Extended hood prevents latch snagging other cables
•
Suitable for cable diameter size: approx 5.5mm (PS2*) and 6.5mm (PS2*6)
•
Available in a range of colours and transparent
•
Version for extra large (eg 7.5mm) cable just introduced: black (PS2Bk8) or white
(PS2Wh8)
Colour
Code (Cat 5e)
Code (Cat 6)
Beige
PS2Bg
PS2Bg6
Black
PS2Bk
PS2Bk6
Blue
PS2Bl
PS2Bl6
Brown
PS2Br
PS2Br6
Green
PS2Gn
PS2Gn6
Grey
PS2Gy
PS2Gy6
Orange
PS2Or
PS2Or6
Purple
PS2Pu
PS2Pu6
Red
PS2Rd
PS2Rd6
Transparent
PS2CLR
PS2CLR6
White
PS2Wh
PS2Wh6
Yellow
PS2Yw
PS2Yw6


Similar Part No. - PS2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PS2 HIROSE-PS2 Datasheet
1Mb / 12P
High Current Connector
logo
List of Unclassifed Man...
PS2 ETC-PS2 Datasheet
123Kb / 2P
PS1/PM1 & PS2/PM2 SERIES POSITION SENSORS
logo
AIC tech Inc.
PS2 AICTECH-PS2 Datasheet
86Kb / 3P
Useful of 4,000 hours at 85°C
logo
Multicomp Pro
PS2 MULTICOMP-PS2 Datasheet
123Kb / 1P
Various Boxes and Cases
07/06/12 V1.1
logo
List of Unclassifed Man...
PS2-100Q ETC2-PS2-100Q Datasheet
720Kb / 11P
Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
More results

Similar Description - PS2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
52Kb / 1P
Strain Relief
620GA051 GLENAIR-620GA051 Datasheet
30Kb / 1P
Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
Strain Relief
M85049-43-3N GLENAIR-M85049-43-3N Datasheet
73Kb / 1P
Strain Relief
M85049-45-A8 GLENAIR-M85049-45-A8 Datasheet
73Kb / 1P
Strain Relief
MS27558-1 GLENAIR-MS27558-1 Datasheet
72Kb / 1P
Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com