Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGSB141R5 Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # DGSB141R5
Description  PCB Terminal Blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

DGSB141R5 Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  DGSB141R5 Datasheet HTML 1Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB Terminal Blocks
DGSB141R5
Specifications:
DGSB141R5
10A 300V
5.08 mm
Features:
•
Popular 5.08mm spacing
•
Right angle wire entry
•
Lever on same plane as wire entry
•
Lever can be used by fingers
•
Fast and efficient wire process
•
1 position modular blocks
•
2 pins per pole for stability
•
No exposed metal parts
Electrical:
Current:
Wire range:
Withstanding:
IR:
Operating temp:
10A @ 300V
14 to 22 AWG
AC2000V/1 Min
5000M
Ω/1000V
-40ºC to +105ºC
Materials:
Housing:
Wire guard:
Pin header:
PA66, UL94V-O
Stainless steel
Brass, Tin plated
BlockMaster Electronics, Inc.
(800) 595-8881
www.blockmaster.com


Similar Part No. - DGSB141R5

ManufacturerPart #DatasheetDescription
logo
BlockMaster Electronics...
DGSB141V5 BLOCKMASTER-ELECTRONICS-DGSB141V5 Datasheet
128Kb / 1P
PCB Terminal Blocks
More results

Similar Description - DGSB141R5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
EM257508VO COOPER-EM257508VO Datasheet
96Kb / 1P
EuroMag Series PCB Mount Pluggable Terminal Blocks
logo
List of Unclassifed Man...
EB43-02-G ETC2-EB43-02-G Datasheet
223Kb / 1P
Terminal Blocks Eurostyle, PCB
logo
Eaton All Rights Reserv...
EM3123 EATON-EM3123 Datasheet
834Kb / 1P
EuroMag Series PCB Mount Terminal Blocks
EM3675 EATON-EM3675 Datasheet
647Kb / 1P
EuroMag Series PCB Mount Terminal Blocks
EM3923 EATON-EM3923 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM5025 EATON-EM5025 Datasheet
811Kb / 1P
EuroMag Series PCB Mount Pluggable Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
Terminal Blocks
logo
CamdenBoss Ltd.
CTBP90HG CAMDENBOSS-CTBP90HG Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
CTBP90VG CAMDENBOSS-CTBP90VG Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com