Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8574ATS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA8574ATS
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8574ATS Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA8574ATS Datasheet HTML 1Page - NXP Semiconductors PCA8574ATS Datasheet HTML 2Page - NXP Semiconductors PCA8574ATS Datasheet HTML 3Page - NXP Semiconductors PCA8574ATS Datasheet HTML 4Page - NXP Semiconductors PCA8574ATS Datasheet HTML 5Page - NXP Semiconductors PCA8574ATS Datasheet HTML 6Page - NXP Semiconductors PCA8574ATS Datasheet HTML 7Page - NXP Semiconductors PCA8574ATS Datasheet HTML 8Page - NXP Semiconductors PCA8574ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1.
General description
The PCA8574/74A provide general purpose remote I/O expansion for most
microcontroller families via the two-line bidirectional I2C-bus (serial clock (SCL), serial
data (SDA)).
The devices consist of an 8-bit quasi-bidirectional port and an I2C-bus interface. The
PCA8574/74A have low current consumption and include latched outputs with 25 mA high
current drive capability for directly driving LEDs.
The PCA8574/74A also possess an interrupt line (INT) that can be connected to the
interrupt logic of the microcontroller. By sending an interrupt signal on this line, the remote
I/O can inform the microcontroller if there is incoming data on its ports without having to
communicate via the I2C-bus.
The internal Power-On Reset (POR) initializes the I/Os as inputs.
2.
Features
I 400 kHz I2C-bus interface
I 2.3 V to 5.5 V operation with 5.5 V tolerant I/Os
I 8-bit remote I/O pins that default to inputs at power-up
I Latched outputs with 25 mA sink capability for directly driving LEDs
I Total package sink capability of 200 mA
I Active LOW open-drain interrupt output
I 8 programmable slave addresses using 3 address pins
I Readable device ID (manufacturer, device type, and revision)
I Low standby current (10 µA max.)
I −40 °C to +85 °C operation
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC standard JESD78 which exceeds 100 mA
I Packages offered: DIP16, SO16, TSSOP16, SSOP20
3.
Applications
I LED signs and displays
I Servers
I Industrial control
I Medical equipment
I PLCs
PCA8574/74A
Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 02 — 14 May 2007
Product data sheet


Similar Part No. - PCA8574ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8574A NXP-PCA8574A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA8574ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8575 PHILIPS-PCA8575 Datasheet
179Kb / 30P
Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 01-30 November 2006
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCA9674 PHILIPS-PCA9674 Datasheet
194Kb / 34P
Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 02-12 October 2006
PCA9675 PHILIPS-PCA9675 Datasheet
197Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA8575 NXP-PCA8575 Datasheet
190Kb / 30P
Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 02-21 March 2007
PCA9674 NXP-PCA9674 Datasheet
185Kb / 32P
Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 05-15 June 2009
PCA9675 NXP-PCA9675 Datasheet
207Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCF8574T-3.518 NXP-PCF8574T-3.518 Datasheet
800Kb / 33P
Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 5-27 May 2013
logo
ON Semiconductor
PCA9655EDWR2G ONSEMI-PCA9655EDWR2G Datasheet
215Kb / 20P
Remote 16-bit I/O Expander for I2C Bus with Interrupt
May, 2012 ??Rev. 1
logo
Texas Instruments
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
Remote 8-Bit I/O Expander for I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com