Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8574ATS Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA8574ATS
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8574ATS Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA8574ATS Datasheet HTML 11Page - NXP Semiconductors PCA8574ATS Datasheet HTML 12Page - NXP Semiconductors PCA8574ATS Datasheet HTML 13Page - NXP Semiconductors PCA8574ATS Datasheet HTML 14Page - NXP Semiconductors PCA8574ATS Datasheet HTML 15Page - NXP Semiconductors PCA8574ATS Datasheet HTML 16Page - NXP Semiconductors PCA8574ATS Datasheet HTML 17Page - NXP Semiconductors PCA8574ATS Datasheet HTML 18Page - NXP Semiconductors PCA8574ATS Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
PCA8574_PCA8574A_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 14 May 2007
15 of 27
NXP Semiconductors
PCA8574/74A
Remote 8-bit I/O expander for I2C-bus with interrupt
13. Dynamic characteristics
[1]
tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA (out) LOW.
[2]
tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
[3]
A master device must internally provide a hold time of at least 300 ns for the SDA signal (refer to the VIL of the SCL signal) in order to
bridge the undefined region SCL’s falling edge.
[4]
The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA output stage tf is specified at
250 ns. This allows series protection resistors to be connected between the SDA and the SCL pins and the SDA/SCL bus lines without
exceeding the maximum specified tf.
[5]
Cb = total capacitance of one bus line in pF.
[6]
Input filters on the SDA and SCL inputs suppress noise spikes less than 50 ns.
Table 8.
Dynamic characteristics
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °Cto+85 °C; unless otherwise specified. Limits are for Fast-mode I2C-bus.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL clock frequency
0
-
400
kHz
tBUF
bus free time between a STOP and START
condition
1.3
-
-
µs
tHD;STA
hold time (repeated) START condition
0.6
-
-
µs
tSU;STA
set-up time for a repeated START condition
0.6
-
-
µs
tSU;STO
set-up time for STOP condition
0.6
-
-
µs
tHD;DAT
data hold time
0
-
-
ns
tVD;ACK
data valid acknowledge time[1]
0.1
-
0.9
µs
tVD;DAT
data valid time[2]
50
-
-
ns
tSU;DAT
data set-up time
100
-
-
ns
tLOW
LOW period of the SCL clock
1.3
-
-
µs
tHIGH
HIGH period of the SCL clock
0.6
-
-
µs
tf
fall time of both SDA and SCL signals
[3][4] 20 + 0.1Cb[5] -
300
ns
tr
rise time of both SDA and SCL signals
20 + 0.1Cb[5] -
300
ns
tSP
pulse width of spikes that must be suppressed
by the input filter[6]
-
-
50
ns
Port timing; CL ≤ 100 pF (see Figure 8 and Figure 9)
tv(Q)
data output valid time
-
-
4
µs
tsu(D)
data input set-up time
0
-
-
µs
th(D)
data input hold time
4
-
-
µs
Interrupt timing; CL ≤ 100 pF (see Figure 8 and Figure 9)
tv(D)
data input valid time
-
-
4
µs
td(rst)
reset delay time
-
-
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com