Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6005CDHC Datasheet(PDF) 16 Page - Linear Technology

Part # LT6005CDHC
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6005CDHC Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6005CDHC Datasheet HTML 12Page - Linear Technology LT6005CDHC Datasheet HTML 13Page - Linear Technology LT6005CDHC Datasheet HTML 14Page - Linear Technology LT6005CDHC Datasheet HTML 15Page - Linear Technology LT6005CDHC Datasheet HTML 16Page - Linear Technology LT6005CDHC Datasheet HTML 17Page - Linear Technology LT6005CDHC Datasheet HTML 18Page - Linear Technology LT6005CDHC Datasheet HTML 19Page - Linear Technology LT6005CDHC Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT6003/LT6004/LT6005
16
600345f
APPLICATIONS INFORMATION
Figure 4. Adaptive Filter
S1
S
COMPOUT
B
A
S1: FAIRCHILD FSA1157
VCC = 1.8V TO 5V
ICC = 10µA, RISING TO 20µA
WITH LARGE SIGNAL
0.1
µF
600345 F04
A2
1/4 LT6005
10M
VCC
VOUT
VIN
A3
1/4 LT6005
249k
200k
249k
10M
10M
10k
10M
A4
1/4 LT6005
249k
249k
LT6700-2
–INB
–INA
VS
VCC
VCC
GND
OUTB
OUTA
A1
1/4 LT6005
1M
ADAPTIVE FILTER IMPROVES INHERENT TRADEOFF OF SETTLING TIME VS NOISE FILTERING. SMALL SIGNAL DC STEPS
SETTLE WITH A 20ms TIME CONSTANT, FOR AN 8Hz NOISE BANDWIDTH. LARGE STEP SIGNALS (>10mV) CAUSE S1 TO
TURN ON, SPEEDING UP THE TIME CONSTANT TO 1ms, FOR IMPROVED SETTLING. AS THE OUTPUT SETTLES BACK TO
WITHIN 10mV, 51 TURNS OFF AGAIN, RESTORING THE 20ms TIME CONSTANT, FOR IMPROVED FILTERING.
VIN
100mV/DIV
VOUT
50mV/DIV
COMPOUT
5V/DIV
2ms/DIV
600345 F04b
Figure 5. Precision 1.25µA Current Source
ILOAD =
VS = VLOAD + 2V
600345 F05
VS
VS
LT6003
R1
1M
VLOAD
LOAD
1.25V
R1
ILOAD
R2
390k
LT1389-1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com