Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6005CDHC Datasheet(PDF) 3 Page - Linear Technology

Part # LT6005CDHC
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6005CDHC Datasheet(HTML) 3 Page - Linear Technology

  LT6005CDHC Datasheet HTML 1Page - Linear Technology LT6005CDHC Datasheet HTML 2Page - Linear Technology LT6005CDHC Datasheet HTML 3Page - Linear Technology LT6005CDHC Datasheet HTML 4Page - Linear Technology LT6005CDHC Datasheet HTML 5Page - Linear Technology LT6005CDHC Datasheet HTML 6Page - Linear Technology LT6005CDHC Datasheet HTML 7Page - Linear Technology LT6005CDHC Datasheet HTML 8Page - Linear Technology LT6005CDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT6003/LT6004/LT6005
3
600345f
ELECTRICAL CHARACTERISTICS (LT6003C/I, LT6004C/I, LT6005C/I) The ● denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 1.8V, 0V, VCM = 0.5V; VS = 5V, 0V,
VCM = 2.5V, VOUT = half supply, RL to ground, unless otherwise noted.
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
A
D
B
C
TJMAX = 125°C, θJA = 160°C/W (NOTE 2)
EXPOSED PAD (PIN 17) CONNECTED TO V–,
(PCB CONNECTION OPTIONAL)
GN PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
A
D
B
C
TJMAX = 150°C, θJA = 135°C/W
ORDER PART
NUMBER
DHC PART
MARKING*
LT6005CDHC
LT6005IDHC
LT6005HDHC
6005
6005
6005
ORDER PART
NUMBER
GN PART
MARKING
LT6005CGN
LT6005IGN
LT6005HGN
6005
6005I
6005H
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
PACKAGE/ORDER INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6003S5, LT6004MS8
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
175
500
725
950
µV
µV
µV
LT6005GN
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
190
650
925
1.15
µV
µV
mV
LT6004DD, LT6005DHC
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
290
850
1.15
1.4
µV
mV
mV
LT6003DC
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
290
950
1.3
1.6
µV
mV
mV
ΔVOS/ΔT
Input Offset Voltage Drift (Note 5)
S5, MS8, GN
DC, DD, DHC
●
●
2
2
5
7
µV/°C
µV/°C
IB
Input Bias Current (Note 7)
VCM = 0.3V, 0°C ≤ TA ≤ 70°C
VCM = V
+ – 0.3V, 0°C ≤ TA ≤ 70°C
VCM = 0.3V, –40°C ≤ TA ≤ 85°C
VCM = V
+ – 0.3V, –40°C ≤ TA ≤ 85°C
VCM = 0V
●
●
●
●
●
5
40
5
40
130
90
140
120
170
1.4
pA
pA
pA
pA
nA
IOS
Input Offset Current (Note 7)
VCM = 0.3V
VCM = V
+ – 0.3V
VCM = 0V
●
●
●
5
7
5
80
80
100
pA
pA
pA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com