Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6005IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LT6005IGN
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6005IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6005IGN Datasheet HTML 5Page - Linear Technology LT6005IGN Datasheet HTML 6Page - Linear Technology LT6005IGN Datasheet HTML 7Page - Linear Technology LT6005IGN Datasheet HTML 8Page - Linear Technology LT6005IGN Datasheet HTML 9Page - Linear Technology LT6005IGN Datasheet HTML 10Page - Linear Technology LT6005IGN Datasheet HTML 11Page - Linear Technology LT6005IGN Datasheet HTML 12Page - Linear Technology LT6005IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT6003/LT6004/LT6005
9
600345f
FREQUENCY (Hz)
1
1
100
10
1000
100
600345 G15
10
VS = 5V, 0V
TA = 25°C
VCM = 4.5V
VCM = 2.5V
01
8
10
14
4
6
4
23
5
2
0
12
TOTAL SUPPLY VOLTAGE (V)
600345 G12
VCM = 0.5V
OUTPUT SHORTED TO V+
TA = 125°C
TA = 25°C
TA = –55°C
INPUT OVERDRIVE (mV)
0
0
20
40
60
510
15
20
600345 G10
25
80
100
10
30
50
70
90
30
VS = ±2.5V
NO LOAD
OUTPUT HIGH
OUTPUT LOW
TOTAL SUPPLY VOLTAGE (V)
01
8
10
14
4
600345 G11
6
4
23
5
2
0
12
VCM = 0.5V
OUTPUT SHORTED TO V–
TA = 125°C
TA = 25°C
TA = –55°C
TYPICAL PERFORMANCE CHARACTERISTICS
0.1Hz to 10Hz Voltage Noise
Voltage Noise vs Frequency
Current Noise vs Frequency
Output Saturation Voltage
vs Input Overdrive
Output Short-Circuit Current vs
Total Supply Voltage (Sourcing)
Output Short-Circuit Current vs
Total Supply Voltage (Sinking)
FREQUENCY (Hz)
1
200
350
400
450
10
100
600345 G14
300
250
VS = 5V, 0V
TA = 25°C
VCM = 4.5V
VCM = 2.5V
TIME (SECONDS)
24
6
8
600345 G13
10
1
03
5
7
9
VS = ±2.5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com