Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6005IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT6005IGN
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6005IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6005IGN Datasheet HTML 6Page - Linear Technology LT6005IGN Datasheet HTML 7Page - Linear Technology LT6005IGN Datasheet HTML 8Page - Linear Technology LT6005IGN Datasheet HTML 9Page - Linear Technology LT6005IGN Datasheet HTML 10Page - Linear Technology LT6005IGN Datasheet HTML 11Page - Linear Technology LT6005IGN Datasheet HTML 12Page - Linear Technology LT6005IGN Datasheet HTML 13Page - Linear Technology LT6005IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT6003/LT6004/LT6005
10
600345f
FREQUENCY (kHz)
40
20
0
60
0.01
0.1
1
10
600345 G21
–20
80
120
40
0
VCM = 4.5V
VCM = 2.5V
VCM = 4.5V
VCM = 2.5V
PHASE
GAIN
VS = 5V, 0V
AV = –1
RF = RG = 1M
TEMPERATURE (
°C)
–50
2.5
3.0
25
75
600345 G20
2.0
1.5
–25
0
50
100
125
1.0
0
0.5
RISING
VS = 5V, 0V
FALLING
VS = 1.8V, 0V
AV = –1
RF = RG = 1M
RISING
VS = 1.8V, 0V
FALLING
VS = 5V, 0V
TOTAL SUPPLY VOLTAGE (V)
3
2
1
5
4
02468
10
16
14
12
600345 G19
0
55
60
50
45
40
125
°C, VCM = V+ – 0.5V
125
°C
125
°C
–55
°C
–55
°C
25
°C
25
°C
PHASE
GAIN
f = 100Hz (GBW)
VCM = HALF SUPPLY
EXCEPT WHERE NOTED
OUTPUT VOLTAGE (V)
–8
120
100
80
60
40
20
0
–40
–20
–60
–80
– 100
6
600345 G18
–4
2
8
4
–6
–2
0
VS = ±8V
TA = 25°C
RL = 20k
RL = 1M
RL = 100k
OUTPUT VOLTAGE (V)
0
–40
–20
0
20
60
0.3
0.6
0.9
1.2
600345 G16
1.5
1.8
40
VS = 1.8V, 0V
VCM = 0.5V
TA = 25°C
RL = 20k
RL = 1M
RL = 100k
OUTPUT VOLTAGE (V)
0
0
20
4
600345 G17
–20
–40
–10
–30
123
5
40
10
30
VS = 5V, 0V
VCM = 0.5V
TA = 25°C
RL = 20k
RL = 1M
RL = 100k
TYPICAL PERFORMANCE CHARACTERISTICS
Open-Loop Gain
Open-Loop Gain
Open-Loop Gain
Gain Bandwidth and Phase
Margin vs Total Supply Voltage
Slew Rate vs Temperature
Gain and Phase vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com