Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UWT0J331MCL1GS Datasheet(PDF) 1 Page - Nichicon corporation

Part # UWT0J331MCL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UWT0J331MCL1GS Datasheet(HTML) 1 Page - Nichicon corporation

  UWT0J331MCL1GS Datasheet HTML 1Page - Nichicon corporation UWT0J331MCL1GS Datasheet HTML 2Page - Nichicon corporation UWT0J331MCL1GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimension table in next page.
ALUMINUM ELECTROLYTIC CAPACITORS
U
1
W
2
T
3
1
4
C
5
1
6
0
7
0
8
M
9
C
10
L
11
1
12
G
13
B
14
Configuration
Taping code
Size code
Capacitance tolerance (±20%)
Rated capacitance (10µF)
Rated voltage (16V)
Series name
Type
φD
4 to 8 (5.4L)
6.3 to 10 (L 5.8)
code
GB
GS
1
Voltage
Capacitance
105˚C Marking
105˚C Marking
(φ4 to φ8 × 5.4 )
(φ8 × 10, φ10 × 10 )
Plastic platform
0.3 max.
L
(L±0.3)
+0.1
–0.2
C±0.2
H
H
Positive
Negative
1
Voltage
Capacitance
Trade mark
Lot No.
Plastic platform
0.3 max.
L±0.5
Pressure relief vent
1. Voltage mark for 6.3V is 6V .
2 Apply to φ6.3 × 5.8, φ6.3 × 7.7
C±0.2
Positive
Negative
Lot No.
2
φD
4 to 8 (L 7.7)
8 to 10 (L = 10)
code
CL
NL
2
A
B
C
E
L
H
4 × 5.4
1.8
4.3
4.3
1.0
5.4
0.5 to 0.8
5 × 5.4
2.1
5.3
5.3
1.3
5.4
0.5 to 0.8
6.3 × 5.4
2.4
6.6
6.6
2.2
5.4
0.5 to 0.8
6.3 × 5.8
2.4
6.6
6.6
2.2
5.8
0.5 to 0.8
6.3 × 7.7
2.4
6.6
6.6
2.2
7.7
0.5 to 0.8
8 × 10
2.9
8.3
8.3
3.1
10
0.8 to 1.1
10 × 10
3.2
10.3
10.3
4.5
10
0.8 to 1.1
φD × L
(mm)
U
1
W
2
T
3
1
4
C
5
1
6
0
7
0
8
M
9
C
10
L
11
1
12
G
13
B
14
Configuration
Taping code
Size code
Capacitance tolerance (±20%)
Rated capacitance (10µF)
Rated voltage (16V)
Series name
Type
φD
4 to 8 (5.4L)
6.3 to 10 (L 5.8)
code
GB
GS
1
Voltage
Capacitance
105˚C Marking
105˚C Marking
(φ4 to φ8 × 5.4 )
(φ8 × 10, φ10 × 10 )
Plastic platform
0.3 max.
L
(L±0.3)
+0.1
–0.2
C±0.2
H
H
Positive
Negative
1
Voltage
Capacitance
Trade mark
Lot No.
Plastic platform
0.3 max.
L±0.5
Pressure relief vent
1. Voltage mark for 6.3V is 6V .
2 Apply to φ6.3 × 5.8, φ6.3 × 7.7
C±0.2
Positive
Negative
Lot No.
2
φD
4 to 8 (L 7.7)
8 to 10 (L = 10)
code
CL
NL
2
A
B
C
E
L
H
4 × 5.4
1.8
4.3
4.3
1.0
5.4
0.5 to 0.8
5 × 5.4
2.1
5.3
5.3
1.3
5.4
0.5 to 0.8
6.3 × 5.4
2.4
6.6
6.6
2.2
5.4
0.5 to 0.8
6.3 × 5.8
2.4
6.6
6.6
2.2
5.8
0.5 to 0.8
6.3 × 7.7
2.4
6.6
6.6
2.2
7.7
0.5 to 0.8
8 × 10
2.9
8.3
8.3
3.1
10
0.8 to 1.1
10 × 10
3.2
10.3
10.3
4.5
10
0.8 to 1.1
φD × L
(mm)
UWT ChipType,WideTemperatureRange
Chip type operating over wide temperature range of to –55 to +105°C.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine fed with carrier tape.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
AEC-Q200 Qualified. Please contact us for details.
Chip Type
Type numbering system (Example : 16V 10µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
–55 to +105°C
4 to 50V
1 to 1500µF
±20% at 120Hz, 20°C
After 2 minutes' application of rated voltage at 20°C, leakage current is not more than 0.01CV or 3 (µA) , whichever is greater.
Black print on the case top.
Measurement frequency : 120Hz at 20°C
Measurement frequency : 120Hz
The specifications listed at right shall be
met when the capacitors are restored to
20°C after the rated voltage is applied for
1000 hours at 105°C.
After storing the capacitors under no load at 105°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Resistance to soldering
heat
The capacitors are kept on a hot plate for 30 seconds, which
is maintained at 250°C. The capacitors shall meet the
characteristic requirements listed at right when they are
removed from the plate and restored to 20°C.
Rated voltage (V)
tan δ (max.)
4
0.40
6.3
0.30
10
0.24
16
0.20
25
0.16
35
0.14
50
0.14
Z(–25°C) / Z(+20°C)
Z(–40°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio
ZT / Z20 (max.)
4
7
15
6.3
4
8
10
3
8
16
2
4
25
2
4
35
2
3
50
2
3
UWT
Capacitance
change
Leakage current
tan δ
Within ±25% of the initial capacitance value for capacitors of 16V or less.
Within ±20% of the initial capacitance value for capacitors of 25V or more.
200% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
Leakage current
tan δ
Within ±10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value
Smaller
UZT
UWZ
High
Temperature
Reflow
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz or more
0.70
1.00
1.17
1.36
1.50
  
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)
CAT.8100N


Similar Part No. - UWT0J331MCL1GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWT0J331MCL NICHICON-UWT0J331MCL Datasheet
108Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWT0J331MCL1GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com