Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UWT0J331MCL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # UWT0J331MCL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UWT0J331MCL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  UWT0J331MCL1GS Datasheet HTML 1Page - Nichicon corporation UWT0J331MCL1GS Datasheet HTML 2Page - Nichicon corporation UWT0J331MCL1GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UWT
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(105℃/120Hz)
Part Number
(
at 20℃ after
2 minutes
)
4
(0G)
22
4×5.4
0.40
3
22
UWT0G220MCL1GB
33
5×5.4
0.40
3
30
UWT0G330MCL1GB
47
5×5.4
0.40
3
36
UWT0G470MCL1GB
100
6.3×5.4
0.40
4
60
UWT0G101MCL1GB
150
6.3×5.8
0.40
6
86
UWT0G151MCL1GS
220
6.3×5.8
0.40
8.8
91
UWT0G221MCL6GS
330
6.3×7.7
0.40
13.2
105
UWT0G331MCL1GS
470
8×10
0.40
18.8
210
UWT0G471MNL1GS
680
8×10
0.40
27.2
210
UWT0G681MNL1GS
1000
8×10
0.40
40
230
UWT0G102MNL1GS
1500
10×10
0.40
60
310
UWT0G152MNL1GS
6.3
(0J)
22
4×5.4
0.30
3
22
UWT0J220MCL1GB
33
5×5.4
0.30
3
30
UWT0J330MCL1GB
47
5×5.4
0.30
3
36
UWT0J470MCL1GB
100
6.3×5.4
0.30
6.3
60
UWT0J101MCL1GB
150
6.3×5.8
0.30
9.45
86
UWT0J151MCL1GS
220
6.3×5.8
0.30
13.86
91
UWT0J221MCL6GS
330
6.3×7.7
0.30
20.79
105
UWT0J331MCL1GS
470
8×10
0.30
29.61
210
UWT0J471MNL1GS
680
8×10
0.30
42.84
210
UWT0J681MNL1GS
1000
8×10
0.30
63
230
UWT0J102MNL1GS
1500
10×10
0.30
94.5
310
UWT0J152MNL1GS
10
(1A)
22
5×5.4
0.24
3
27
UWT1A220MCL1GB
33
5×5.4
0.24
3.3
35
UWT1A330MCL1GB
47
6.3×5.4
0.24
4.7
46
UWT1A470MCL1GB
100
6.3×5.4
0.24
10
60
UWT1A101MCL1GB
150
6.3×5.8
0.24
15
86
UWT1A151MCL1GS
220
6.3×7.7
0.24
22
105
UWT1A221MCL1GS
330
8×10
0.24
33
195
UWT1A331MNL1GS
470
8×10
0.24
47
210
UWT1A471MNL1GS
680
10×10
0.24
68
310
UWT1A681MNL1GS
1000
10×10
0.24
100
310
UWT1A102MNL1GS
16
(1C)
10
4×5.4
0.20
3
18
UWT1C100MCL1GB
22
5×5.4
0.20
3.52
30
UWT1C220MCL1GB
33
6.3×5.4
0.20
5.28
40
UWT1C330MCL1GB
47
6.3×5.4
0.20
7.52
50
UWT1C470MCL1GB
100
6.3×5.4
0.20
16
60
UWT1C101MCL1GB
150
6.3×7.7
0.20
24
95
UWT1C151MCL1GS
220
6.3×7.7
0.20
35.2
105
UWT1C221MCL1GS
330
8×10
0.20
52.8
195
UWT1C331MNL1GS
470
8×10
0.20
75.2
230
UWT1C471MNL1GS
680
10×10
0.20
108.8
310
UWT1C681MNL1GS
Dimensions
CAT.8100N



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com