Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC Datasheet(PDF) 2 Page - YAGEO Corporation

Part # ATC
Description  Miniature, High power, Wirewound ATC Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ATC Datasheet(HTML) 2 Page - YAGEO Corporation

  ATC Datasheet HTML 1Page - YAGEO Corporation ATC Datasheet HTML 2Page - YAGEO Corporation ATC Datasheet HTML 3Page - YAGEO Corporation ATC Datasheet HTML 4Page - YAGEO Corporation ATC Datasheet HTML 5Page - YAGEO Corporation ATC Datasheet HTML 6Page - YAGEO Corporation ATC Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.yageo.com
Aug. 31, 2023 V.1
Aluminum Housed Resistors
2
7
Product Specification
ATC
Through Hole Resistors
APPLICATIONS
Power, pulse application
Industry electronic
Large-sized machinery
FEATURES
Reduced size
High power range
Excellent surge performance
RoHS compliant &
halogen-free
ORDERING INFORMATION
Part number of the aluminum housed power wirewound resistors is
identified by the series, power rating, tolerance, packing, temperature
coefficient, forming and resistance value.
PART NUMBER
ATC
40A
J
B
-
TUN
100R
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) SERIES NAME
ATC Series
(2) POWER RATING
40A= 40W
(3) TOLERANCE
J = ±5%
(4) PACKAGING
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
- = Based on spec.
(6) FORMING
TUN =(White TEFLON WIRE UL 1332 AWG#18 / Length 260mm)+(heat shrink
tubing)+(Terminal JWT P./N.:A2501T2P-2)+(Housing JWT
P./N.:A2512H00-3P)
(7) RESISTANCE VALUE
100R = 100Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com