Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC Datasheet(PDF) 4 Page - YAGEO Corporation

Part # ATC
Description  Miniature, High power, Wirewound ATC Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ATC Datasheet(HTML) 4 Page - YAGEO Corporation

  ATC Datasheet HTML 1Page - YAGEO Corporation ATC Datasheet HTML 2Page - YAGEO Corporation ATC Datasheet HTML 3Page - YAGEO Corporation ATC Datasheet HTML 4Page - YAGEO Corporation ATC Datasheet HTML 5Page - YAGEO Corporation ATC Datasheet HTML 6Page - YAGEO Corporation ATC Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.yageo.com
Aug. 31, 2023 V.1
Aluminum Housed Resistors
4
7
Product Specification
ATC
Through Hole Resistors
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
ATC40AJB-TUN100R
Power Rating at 25 °C
40W
Voltage Proof on Insulation
2500V,Maximum testing leakage current AC:1.5mA
Resistance value
100Ω
Maximum Working Voltage
√(P X R)
Operating Temp. Range
- 55°C to +275°C
Temperature Coefficient
±260ppm/°C
Wire Materials
Nickel Alloy
Housing Materials
99% Aluminum with hard anode coating
Encapsulate Materials
Alumina, Mica, Magnesium Oxide, Silicon Resin
Lead Materials
TEFLON WIRE UL 1332 AWG#18(Color: White)(UL number: E211048)
Insulation Tuning
Heat shrink tubing Φ4mm(UL number: E225897)
Terminal Material
Terminal JWT P./N.: A2501T2P-2
Terminal Housing
Housing JWT P./N.: A2512H00-3P (UL number:E144544)
Note: The resistor must be locked on the heat sink when working.
TEST AND REQUIRMENTS
TEST
TEST METHOD
PROCEDURE
APPRAISE
Short Time Overload
IEC 60115-1 4.13
5 times rated power for 5 sec.(Not more
than maximum overload voltage)
±2.0%+0.05Ω
Voltage Proof on
Insulation
IEC 60115-1 4.7
In V-Block for 60 sec. test voltage as
above table
No Breakdown
Temperature Coefficient
IEC 60115-1 4.8
Between -55°C to +155°C
By Type
Insulation Resistance
IEC 60115-1 4.6
In V-Block for 60 sec.
>100MΩ
Dry Heat
IEC 60115-1 4.23
275±2°C for 16 hours
±3.0%+0.05Ω
Robustness of
Terminations
IEC 60115-1 4.16
Direct load for 10 Sec. in the direction of
the terminal leads
≥9.07Kgf
Damp Heat Steady State
IEC 60115-1 4.24
40±2°C,90-95% RH for 56 days, loaded
with 0.1 times RCWV
±3.0%+0.05Ω
Endurance at 25°C
IEC 60115-1 4.25
25±2°C at RCWV(or Umax., whichever
less) for 1,000 Hr.(1.5 Hr.on,0.5 Hr. off)
±5.0%+0.05Ω
Temperature Cycling
IEC 60115-1 4.19
-55°C  Room Temp. 
+155°C Room Temp.(5 cycles)
±2.0%+0.05Ω
Thermal shock
IEC 60115-1 4.21
Loaded with RCWV until thermally stable,
-55°C for 15 minutes.
±2.0%+0.05Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com