Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804521 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804521
Description  WMS-2 HF 12,7 (EX20)R YE - Shrink sleeve
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804521 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804521 Datasheet HTML 1Page - PHOENIX CONTACT 0804521 Datasheet HTML 2Page - PHOENIX CONTACT 0804521 Datasheet HTML 3Page - PHOENIX CONTACT 0804521 Datasheet HTML 4Page - PHOENIX CONTACT 0804521 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, yellow, unlabeled, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLLMASTER 300/600, THERMOMARK ROLL X1, THERMOMARK ROLL,
THERMOMARK ROLL 2.0, THERMOMARK W, THERMOMARK X1.2, cable diameter range: 6.4
... 12.7 mm, unperforated, mounting type: slide-on, Number of individual labels: 1, roll length: 20
m, text field height: 20 mm, text field width: 20000 mm
Product description
The continuous shrink sleeves in the WMS-2 HF... product family can be assembled to create individual marker lengths using the THERMOMARK
E.CUTTER or E.CUTTER/P. After the printing, assembly, and applying process, you have the option of shrinking the marked shrink sleeves by
applying heat manually and thus fixing them on the cable/wire.
Your advantages
Permanent and captive identification of single-core wires, wires, cables, pneumatic hoses, and other cylindrical objects
•
High flexibility, as individual marker lengths ranging from 3.45 mm ... 2000 mm (0.14" ... 78.7") can be realized in combination with the cutter and
perforation cutter
•
As an option, the sleeves can be shrunk by applying heat manually to fix the sleeve in position
•
High diameter coverage with a shrink ratio of 2:1
•
Widely used and proven worldwide in the railway industry
•
Commercial data
Item number
0804521
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
BG2216
GTIN
4055626399010
Weight per piece (including packing)
555 g
Weight per piece (excluding packing)
555 g
Country of origin
PL
WMS-2 HF 12,7 (EX20)R YE - Shrink sleeve
0804521
https://www.phoenixcontact.com/us/products/0804521
Jul 15, 2025, 12:44AM
Page 1 (5)


Similar Part No. - 0804521

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804520 PHOENIX-0804520 Datasheet
189Kb / 6P
WMS-2 HF 4,8 (EX9)R YE - Shrink sleeve
0804522 PHOENIX-0804522 Datasheet
176Kb / 4P
EO-SI-FRAME - Adapter plate
0804524 PHOENIX-0804524 Datasheet
188Kb / 6P
WMS-2 HF 9,5 (EX16)R - Shrink sleeve
0804525 PHOENIX-0804525 Datasheet
189Kb / 6P
WMS-2 HF 9,5 (EX16)R BU - Shrink sleeve
0804526 PHOENIX-0804526 Datasheet
189Kb / 6P
WMS-2 HF 9,5 (EX16)R RD - Shrink sleeve
More results

Similar Description - 0804521

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
0815606 PHOENIX-0815606 Datasheet
48Kb / 3P
Label - EML (110XE)R YE
1014303 PHOENIX-1014303 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R
1014304 PHOENIX-1014304 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R SR
1014305 PHOENIX-1014305 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R YE
1929533 PHOENIX-1929533 Datasheet
145Kb / 6P
MKDSP 10HV/ 2-12,7
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
3241103 PHOENIX-3241103 Datasheet
54Kb / 3P
Cable driller - WG-D HF 12,7
09/12/2020
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com