Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804521 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804521
Description  WMS-2 HF 12,7 (EX20)R YE - Shrink sleeve
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804521 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804521 Datasheet HTML 1Page - PHOENIX CONTACT 0804521 Datasheet HTML 2Page - PHOENIX CONTACT 0804521 Datasheet HTML 3Page - PHOENIX CONTACT 0804521 Datasheet HTML 4Page - PHOENIX CONTACT 0804521 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Notes
Note on application
For the THERMOMARK ROLL and THERMOMARK ROLL 2.0
roll printers, this material can only be processed with an external
media hub.
Material information
The specified minimum wire diameter of the shrink sleeve refers
to its use as a marking material and does not guarantee any
insulation characteristics once shrunk.
 
Depending on the processed material batch, as well as the
storage and processing conditions, the maximum insertable wire
diameter may be reduced.
Product properties
Product type
Shrink sleeve
Area of application
Railway industry
Type
Shrink sleeve
Marking
Number of individual labels
1
Identification technology
Thermal transfer for rolls
Dimensions
Width
20 mm
Length of roll
20.00 m
External dimensions
Outside diameter
6.4 mm ... 12.7 mm
Text field
Text field width
20000 mm
Text field height
20 mm
Material specifications
RoHS compliant
yes
Color
yellow (RAL 1018)
Material
Polyolefine
Base element material
polyolefine
Shrink rate
2:1
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Components
halogen-free
Cable/line
External cable diameter
6.4 mm ... 12.7 mm
WMS-2 HF 12,7 (EX20)R YE - Shrink sleeve
0804521
https://www.phoenixcontact.com/us/products/0804521
Jul 15, 2025, 12:44AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com